Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL260 Datasheet(PDF) 1 Page - AverLogic Technologies Inc

Part # AL260
Description  Video Enhancement Processor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVERLOGIC [AverLogic Technologies Inc]
Direct Link  http://www.averlogic.com
Logo AVERLOGIC - AverLogic Technologies Inc

AL260 Datasheet(HTML) 1 Page - AverLogic Technologies Inc

  AL260 Datasheet HTML 1Page - AverLogic Technologies Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Brightness & Color Control/
Filtering
•
Brightness/ Contrast/ Saturation (BSC) and
Hue control
Decoding &Timing
Control
•
Adaptive 2D-comb filter for NTSC&PAL Y/C
separation
•
Line-locked system clock frequencies
•
Decodes weak and noisy off-air signals
•
Superior frequency response preserves fine
details
•
Auto detect and locks VCR trick modes
4 analog Video Input/
8-bit YCbCr 4:2:2 Output
•
Decodes NTSC/PAL/SECAM composite, S-
Video or component video input
•
Four analog inputs, standard ITU656 YCbCr
4:2:2 format (8/16bit) digital output
•
Supports digital automatic gain control
(AGC)
•
Supports all variation of the NTSC and PAL
standard – (I,B,G,H,D,N,M & combination N)
•
Hardwire pins control of channel switching
Parallel &
Serial Bus
•
Supports 2-wire serial and proprietary 8-bit
parallel bus interface programming
On-Screen-Display (OSD)
& Video Control
•
Dual internal OSD windows with alpha blending
•
Bitmap RAM mode OSD, external font ROM
supported
•
Video Sharpness, contrast, Brightness control
•
Frame Freeze, video mirror manipulation
•
Built-in Look-up Table for Gamma Correction
YUV Video Input /
RGB Progressive Output
•
ITU-656/601, 8/16-bit YUV 4:2:2 video inputs
•
Progressive (Non-interlaced) RGB/YPbPr 24-bit
digital output up to SXGA (1280x1024)
VBI, Macrovision
& Serial bus
•
Multi-standard VBI decode support
•
Detects & Decodes Macrovision signal
•
Two-wire serial bus programming; up to 4
serial bus sub-addresses selectable
Video Enhancement Processor
2D-Comb Video Decoder
Part Number: AL260
www.averlogic.com
Part Number: AL260C-EVB-A4
• Converts interlaced video input for non-interlaced
(progressive) analog RGB/digital RGB output up to
1280x1024 resolution
• Accepts NTSC/PAL/SECAM Composite, S-video or
Component video input
• Analog RGB direct to Monitor and TTL digital RGB
for digital flat panel output
• Auto-detect input video standard
• Film Detection with inversed 3:2/2:2 pull down
and advanced motion adaptive de-interlacing
• AverLogic Proprietary scaling algorithm for scaling
up and down
• Built-in OSD RAM and external OSD font ROM
supported
AL260
Video
Processor
Application Diagram
AL242
Video
Decoder
DVD Player
VGA Monitor
Camera
Part Number: AL242
Video De-interlacing
& Scaling
•
Film inverse 3:2&2:2 pull down and Motion
Adaptive De-interlacing with Spatial and
Temporal Filtering
•
Frame Rate Conversion (FRC) from 50Hz up to
120 Hz
•
Independent V/H scale up and down supported
Ordering Information
Part No.
Package
Power
AL260C-PBF
208-PQFP
+2.5V/3.3V
Ordering Information
Part No.
Package
Power
AL242C-LF-PBF
64-LQFP
+1.8/3.3V


Similar Part No. - AL260

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AL260 ETC1-AL260 Datasheet
794Kb / 80P
Video Enhancement Processor
logo
AverLogic Technologies ...
AL260-EVB-A5 AVERLOGIC-AL260-EVB-A5 Datasheet
1Mb / 12P
Evaluate Board
AL260-EVB-A6 AVERLOGIC-AL260-EVB-A6 Datasheet
1Mb / 12P
Evaluate Board
AL260-EVB-A8 AVERLOGIC-AL260-EVB-A8 Datasheet
1Mb / 12P
Evaluate Board
More results

Similar Description - AL260

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5191 PHILIPS-SAA5191 Datasheet
54Kb / 9P
Teletext video processor
March 1991
logo
Hynix Semiconductor
GDC21D701C HYNIX-GDC21D701C Datasheet
540Kb / 67P
Video Display Processor
logo
Micronas
VDP313XY MICRONAS-VDP313XY Datasheet
1Mb / 76P
Video Processor Family
VDP31XXB MICRONAS-VDP31XXB Datasheet
597Kb / 72P
Video Processor Family
logo
NXP Semiconductors
SAA9065 PHILIPS-SAA9065 Datasheet
852Kb / 18P
Video enhancement and D/A processor(VEDA)
April 1993
logo
Siemens Semiconductor G...
SDA5248 SIEMENS-SDA5248 Datasheet
2Mb / 65P
VIDEO PROCESSOR
logo
List of Unclassifed Man...
ET4000V33 ETC1-ET4000V33 Datasheet
5Mb / 92P
Video Image Processor
AL260 ETC1-AL260 Datasheet
794Kb / 80P
Video Enhancement Processor
logo
Silicon image
SII8200 SILICONIMAGE-SII8200 Datasheet
242Kb / 2P
Advanced Video Processor
logo
Renesas Technology Corp
TW8849 RENESAS-TW8849 Datasheet
207Kb / 3P
Video Processor with LVDS Interfaces, Image Enhancement, and Video Integrity Diagnostics
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com