Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN2011UFX Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN2011UFX
Description  Low On-Resistance
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2011UFX Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN2011UFX Datasheet HTML 1Page - Diodes Incorporated DMN2011UFX Datasheet HTML 2Page - Diodes Incorporated DMN2011UFX Datasheet HTML 3Page - Diodes Incorporated DMN2011UFX Datasheet HTML 4Page - Diodes Incorporated DMN2011UFX Datasheet HTML 5Page - Diodes Incorporated DMN2011UFX Datasheet HTML 6Page - Diodes Incorporated DMN2011UFX Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMN2011UFX
Document number: DS37250 Rev. 3 - 2
2 of 7
www.diodes.com
August 2015
© Diodes Incorporated
DMN2011UFX
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current (Note 6) VGS = 4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
12.2
9.8
A
Continuous Drain Current (Note 6) VGS = 2.5V
Steady
State
TA = +25°C
TA = +70°C
ID
10.4
8.3
A
Pulsed Drain Current (10µs pulse, duty cycle = 1%)
IDM
80
A
Maximum Body Diode Continuous Current
IS
2.5
A
Avalanche Current (Note 7) L = 0.1mH
IAS
18
A
Repetitive Avalanche Energy (Note 7) L = 0.1mH
EAS
17
mJ
Thermal Characteristics
Characteristic
Symbol
Max
Unit
Power Dissipation (Note 6)
PD
2.1
W
Thermal Resistance, Junction to Ambient @TA = +25°C (Note 6)
RJA
59.1
°C/W
Thermal Resistance, Junction to Case (Note 6)
RJC
7.1
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
20
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
1
µA
VDS = 16V, VGS = 0V
Gate-Source Leakage
IGSS
±10
µA
VGS = ±10V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(th)
0.3
1.0
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
9.5
m
Ω
VGS = 4.5V, ID = 10A
10
VGS = 4.0V, ID = 10A
10.5
VGS = 3.5V, ID = 9A
11.5
VGS = 3.1V, ID = 9A
13
VGS = 2.5V, ID = 8A
Diode Forward Voltage
VSD
1.2
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
2,248
pF
VDS = 10V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
295
pF
Reverse Transfer Capacitance
Crss
265
pF
Gate Resistance
Rg
1.5
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 4.5V)
Qg
24
nC
VDS = 10V, ID = 8.5A
Total Gate Charge (VGS = 10V)
Qg
56
nC
Gate-Source Charge
Qgs
3.5
nC
Gate-Drain Charge
Qgd
5.1
nC
Turn-On Delay Time
tD(on)
3.6
ns
VDS = 10V, ID = 8.5A
VGS = 4.5V, RG = 1.8Ω
Turn-On Rise Time
tr
2.6
ns
Turn-Off Delay Time
tD(off)
21.6
ns
Turn-Off Fall Time
tf
13.5
ns
Body Diode Reverse Recovery Time
trr
12.8
nS
IF = 8.5A, dI/dt = 210A/μs
Body Diode Reverse Recovery Charge
Qrr
6.9
nC
IF = 8.5A, dI/dt = 210A/μs
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. IAS and EAS rating are based on low frequency and duty cycles to keep TJ = +25°C.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com