Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN2014LHAB Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN2014LHAB
Description  Low On-Resistance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2014LHAB Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN2014LHAB Datasheet HTML 1Page - Diodes Incorporated DMN2014LHAB Datasheet HTML 2Page - Diodes Incorporated DMN2014LHAB Datasheet HTML 3Page - Diodes Incorporated DMN2014LHAB Datasheet HTML 4Page - Diodes Incorporated DMN2014LHAB Datasheet HTML 5Page - Diodes Incorporated DMN2014LHAB Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMN2014LHAB
Document number: DS36441 Rev. 3 - 2
1 of 6
www.diodes.com
February 2016
© Diodes Incorporated
DMN2014LHAB
D1
S1
G1
Gate Protection
Diode
D2
S2
G2
Gate Protection
Diode
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
BVDSS
RDS(ON) Max
ID
TA = +25°C
20V
13m
Ω @ VGS = 4.5V
9.0A
14m
Ω @ VGS = 4.0V
8.7A
17m
Ω @ VGS = 3.1V
8.0A
18m
Ω @ VGS = 2.5V
6.7A
28m
Ω @ VGS = 1.8V
6.3A
Description
This new generation MOSFET has been designed to minimize the on-
state resistance (RDS(ON)) and yet maintain superior switching
performance, making it ideal for high efficiency power management
applications.
Applications
Power Management Functions
Battery Pack
Load Switch
Features
Low On-Resistance
Low Gate Threshold Voltage
Low Input Capacitance
Fast Switching Speed
ESD Protected Gate
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and
Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: U-DFN2030-6 (Type B)
Case Material:
Molded Plastic, “Green” Molding Compound UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: See Diagram Below
Weight: 0.012 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMN2014LHAB-7
U-DFN2030-6 (Type B)
3,000 / Tape & Reel
DMN2014LHAB-13
U-DFN2030-6 (Type B)
10,000 / Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
24W = Product Type Marking Code
YYWW = Date Code Marking
YY = Last Two Digits of Year (ex: 16 for 2016)
WW = Week code (01 to 53)
Bottom View
U-DFN2030-6
(Type B)
24W
Equivalent Circuit
Top View
ESD PROTECTED TO 2kV


Similar Part No. - DMN2014LHAB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN2014LHAB-13 DIODES-DMN2014LHAB-13 Datasheet
273Kb / 6P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN2014LHAB-7 DIODES-DMN2014LHAB-7 Datasheet
273Kb / 6P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN2014LHAB DIODES-DMN2014LHAB_15 Datasheet
273Kb / 6P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
More results

Similar Description - DMN2014LHAB

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
Low On-resistance
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
Low On-resistance
AP2430GN3-HF A-POWER-AP2430GN3-HF_14 Datasheet
96Kb / 4P
Low On-resistance
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
Low On-resistance
AP4228GM-HF A-POWER-AP4228GM-HF_14 Datasheet
204Kb / 5P
Low On-resistance
AP9579GJ-HF A-POWER-AP9579GJ-HF_14 Datasheet
99Kb / 4P
Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
Low On-Resistance
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com