Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTRC116SS Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # MMBTRC116SS
Description  Surface Mount Bias Resistor Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MMBTRC116SS Datasheet(HTML) 2 Page - Diotec Semiconductor

  MMBTRC116SS Datasheet HTML 1Page - Diotec Semiconductor MMBTRC116SS Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMBTRC116SS ... MMBTRC121SS
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Min.
Typ.
Max.
DC current gain – Kollektor-Basis-Stromverhältnis 1)
GI
VO = 5 V, IO = 10 mA
MMBTRC116SS
33
–
–
MMBTRC117SS
20
–
–
MMBTRC118SS
33
–
–
MMBTRC119SS
30
–
–
MMBTRC120SS
24
–
–
MMBTRC121SS
33
–
–
Output cutoff current – Ausgangs-Reststrom
VO = 50 V
IO(off)
–
–
500 nA
Input current – Eingangsstrom
II
VI = 5 V
MMBTRC116SS
–
–
7.2 mA
MMBTRC117SS
–
–
3.8 mA
MMBTRC118SS
–
–
3.8 mA
MMBTRC119SS
–
–
1.8 mA
MMBTRC120SS
–
–
0.88 mA
MMBTRC121SS
–
–
0.16 mA
Output voltage – Ausgangs-Spannung
IO = 10 mA, II = 0.5 mA
VO(on)
–
–
0.3 V
Input voltage (on) – Eingangsspannung (Ein)
VI(on)
VO = 0.3 V, IO = 20 mA
MMBTRC116SS
–
–
3 V
VO = 0.3 V, IO = 20 mA
MMBTRC117SS
–
–
3 V
VO = 0.3 V, IO = 20 mA
MMBTRC118SS
–
–
3 V
VO = 0.3 V, IO = 20 mA
MMBTRC119SS
–
–
2.5 V
VO = 0.3 V, IO = 2 mA
MMBTRC120SS
–
–
3 V
VO = 0.3 V, IO = 2 mA
MMBTRC121SS
–
–
5 V
Input resistor tolerance – Toleranz Eingangswiderstand
R1
-30%
+30%
Input voltage (off) – Eingangs-Spannung (Aus)
VI(off)
VO = 5 V, IO = 0.1 mA
MMBTRC116SS
0.3
MMBTRC117SS
0.5
MMBTRC118SS
0.3
MMBTRC119SS
0.3
MMBTRC120SS
0.8
MMBTRC121SS
1
Transition Frequency – Transitfrequenz (Transistor)
VO = 10 V, IO = 5 mA
fT
–
250 MHz
–
1
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com