Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

282SCDL503B25A1 Datasheet(PDF) 3 Page - CTS Corporation

Part # 282SCDL503B25A1
Description  Industrial 16mm size Conductive Plastic Precision Rotary Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

282SCDL503B25A1 Datasheet(HTML) 3 Page - CTS Corporation

  282SCDL503B25A1 Datasheet HTML 1Page - CTS Corporation 282SCDL503B25A1 Datasheet HTML 2Page - CTS Corporation 282SCDL503B25A1 Datasheet HTML 3Page - CTS Corporation 282SCDL503B25A1 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
282T Metal Shaft, Bushing Mount, Solder Lug (Faston) Terminal
12/5/13
DIMENSION : mm
STANDARD TOLERANCE :
.X (1 PLACE) : ±0.3 .XX(2 PLACE): ±0.13
3 - 4
CTS Electrocomponents
© 2013 CTS Corporation. All rights reserved. Information subject to change.
www.ctscorp.com
FLATTED
ROUND
KNURLED & SLOTTED
SD SLOT
Z
Y
X
Shaft Trim Options
Shaft Trim
Diameter
R
.236” (6.00 mm)
.250” (6.35 mm)
O
Shaft Trim
Diameter
F
.236” (6.00 mm)
.250” (6.35 mm)
L
X
.375” (9.52 mm)
.440” (11.18 mm)
Y
.156” (3.96 mm)
.217” (5.50 mm)
Shaft Trim
Diameter
S
.236” (6.00 mm)
.250” (6.35 mm)
D
X
.063” (1.6mm)
.063“ (1.6mm)
Shaft Trim
Diameter
K
.236” (6.00 mm)
X
.344” (8.74 mm)
Y
.063” (1.60 mm)
Z
24 Teeth
X
Y
Y
X
Y
.039” (1.0mm)
.039“ (1.0mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com