Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT1380AS Datasheet(PDF) 4 Page - Aimtron Technology

Part # AT1380AS
Description  Switching Regulator Controller for LCD Bias
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1380AS Datasheet(HTML) 4 Page - Aimtron Technology

  AT1380AS Datasheet HTML 1Page - Aimtron Technology AT1380AS Datasheet HTML 2Page - Aimtron Technology AT1380AS Datasheet HTML 3Page - Aimtron Technology AT1380AS Datasheet HTML 4Page - Aimtron Technology AT1380AS Datasheet HTML 5Page - Aimtron Technology AT1380AS Datasheet HTML 6Page - Aimtron Technology AT1380AS Datasheet HTML 7Page - Aimtron Technology AT1380AS Datasheet HTML 8Page - Aimtron Technology AT1380AS Datasheet HTML 9Page - Aimtron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AT1380A
Preliminary Product Information
Switching Regulator Controller for LCD Bias
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
4
Electrical Characteristics
(VCC=+3.0V, Ta=+250C)
Values
Parameter
Symbol
Condition
Min. Typ. Max.
Unit
Reset voltage for
falling Vcc. OUT
remains off if Vcc is
below this level.
V
R
--
1.8
1.9
V
VCC Under voltage
Lockout
(U.V.L.O.)
Startup voltage for
rising Vcc.
V
TH
--
2.4
2.5
2.6
V
Charging current
I
CS
V
SCP=0V
-1.5
-1.0
-0.7 μA
Soft start
Voltage at soft start
completion
V
ts
--
0.7
0.8
0.9
V
Charging current
I
CPC
V
SCP=0V
-1.5
-1.0
-0.7 μA
Short circuit
detection (S.C.P.)
Threshold voltage
V
tPC
--
0.7
0.8
0.9
V
Oscillation frequency
f
OSC
R
T=3kΩ, CT=270pF
400
500
600
kHz
Frequency input
Stability
f
∆V
V
CC=2.5V to 13.5V
--
2
10
%
Sawtooth waveform
oscillator (OSC)
Frequency variation
with temperature
f
∆T
Ta =-300C to 850C--
5
--
%
Input threshold
Voltage
V
T
V
FB = 450mV
480
500
520
mV
V
T input stability
V
T∆V
V
CC=2V to 13.5V
--
5
20
mV
V
T variation with
Temperature
V
T∆T
Ta = -300C to 850C--
1
--
%
Input bias current
I
B
V
IN = 0V
-1.0
-0.2
1.0
μ
A
Voltage gain
A
V
--
70
100
145 V/V
Frequency bandwidth
BW
A
V = 0 dB
--
6
--
MHz
V
OM
+
0.78 0.87
--
V
Maximum output
voltage range
V
OM
_
--
--
0.05
0.2
V
Output source current
I
OM
+
--
-40
-24
μ
A
Error amplifier
Output sink current
I
OM
_
V
FB = 450mV
24
40
--
μ
A
Idle period
adjustment section
Maximum duty cycle
T
DUTY
R
T=3.3kΩ, CT=270pF
f
OSC = 500KHz
75
--
85
%
V
OH1
R
B= 390Ω, IO= -15 mA
1.0
1.2
--
V
V
OH2
R
B= 750Ω, VCC = 3.0V
I
O= -10 mA
0.8
1.0
--
V
V
OL1
R
B= 390Ω, IO= -15 mA
--
0.1
0.2
V
Output voltage
V
OL2
R
B= 750Ω, VCC = 3.0V
I
O= -10 mA
--
0.1
0.2
V
Output source current
I
O
+
R
B= 390Ω, VO = 0.9V
--
-40
-30
mA
Output sink current
I
O
-
R
B= 390Ω, VO = 0.3V
40
70
--
mA
Output section
Pull down resistance
R
O
--
20
30
40
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com