Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1976Y Datasheet(PDF) 2 Page - IXYS Corporation

Part # CPC1976Y
Description  Low EMI and RFI Generation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1976Y Datasheet(HTML) 2 Page - IXYS Corporation

  CPC1976Y Datasheet HTML 1Page - IXYS Corporation CPC1976Y Datasheet HTML 2Page - IXYS Corporation CPC1976Y Datasheet HTML 3Page - IXYS Corporation CPC1976Y Datasheet HTML 4Page - IXYS Corporation CPC1976Y Datasheet HTML 5Page - IXYS Corporation CPC1976Y Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R05
CPC1976
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to the
device. Functional operation of the device at conditions beyond
those indicated in the operational sections of this data sheet is
not implied.
Absolute Maximum Ratings @ 25ºC
Parameter
Ratings
Units
Blocking Voltage (V
DRM)
600
V
P
Reverse Input Voltage
5
V
Input Control Current
50
mA
Peak (10ms)
1
A
Input Power Dissipation 1
150
mW
Total Power Dissipation 2
2400
mW
Isolation Voltage, Input to Output
3750
V
rms
ESD, Human Body Model
4
kV
i2t for Fusing (1/2 Sine Wave, 50Hz)
8
A2s
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate linearly 1.33 mW / ºC
2 Derate linearly 20 mW / ºC
Electrical Characteristics @ 25ºC
Parameters
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Load Current, Continuous
V
L=120-240Vrms
I
L
0.070
-
2
A
rms
Maximum Surge Current
t < 16ms
I
PK
--
20
A
Off State Leakage Current
V
DRM
I
LEAK
--
10
A
On-State Voltage Drop
I
L=2AP
-
-
1.1
1.25
V
P
Critical Rate of Rise
-
dv/dt
1000
1200
-
V/
s
Switching Speeds
Turn-on
I
F = 5 mA
t
on
-
-
0.5
cycles
Turn-off
t
off
-
-
0.5
cycles
Zero-Cross Turn-On Voltage 1
1st half-cycle
-
-
7
20
V
Subsequent half-cycle
-
-
-
5
V
Holding Current
-
I
H
-
-
75
mA
Latching Current
-
I
L
-
-
100
mA
Operating Frequency
-
20
-
500
Hz
Load Power Factor for
Guaranteed Turn-On 2
60Hz
PF
0.25
-
-
-
Input Characteristics
Input Control Current to Activate 3
60Hz
I
F
--
5
mA
Input Drop-out Voltage
-
-
0.8
-
-
V
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
--
10
A
Common Characteristics
Input to Output Capacitance
-
C
I/O
--
3
pF
1 Zero Cross 1st half-cycle @ <100Hz.
2 Snubber circuits may be required at low power factors.
3 For high-noise environments, or for high-frequency operation, use I
F > 10mA.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com