Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1983YE Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1983YE
Description  Arc-Free With No Snubbing Circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1983YE Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1983YE Datasheet HTML 1Page - IXYS Corporation CPC1983YE Datasheet HTML 2Page - IXYS Corporation CPC1983YE Datasheet HTML 3Page - IXYS Corporation CPC1983YE Datasheet HTML 4Page - IXYS Corporation CPC1983YE Datasheet HTML 5Page - IXYS Corporation CPC1983YE Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC1983YE-R02
1
e3
Pb
CPC1983YE
Normally Open Power SIP Relay
Part #
Description
CPC1983YE
Power SIP Package (25 per tube)
Parameter
Rating
Units
Blocking Voltage
600
V
P
Load Current
0.5
A
rms / ADC
On-Resistance (max)
6
Input / Output Isolation
4
kV
Applications
Features
Description
Ordering Information
Pin Configuration
• Industrial Controls
• Motor Control
• Robotics
• Medical Equipment—Patient/Equipment Isolation
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• IC Equipment
• Home Appliances
• 4000V
rms Input/Output Isolation
• Handle Load Currents Up to 0.5A
• 600V
P Blocking Voltage
• Power SIP Package
• High Reliability
• No Moving Parts
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
IXYS Integrated Circuits Division and its parent,
IXYS, have combined to bring OptoMOS® technology,
reliability, and compact size to a new family of
high-power Solid State Relays.
As part of this family, the CPC1983YE single-pole
normally open (1-Form-A) Solid State Power Relay
is rated for up to 0.5A
DC / 0.5Arms continuous load
current.
The CPC1983YE employs optically coupled MOSFET
technology to provide 4000V
rms of input to output
isolation. The optically coupled outputs, that use
patented OptoMOS architecture, are controlled by a
highly efficient GaAIAs infrared LED.
This combination of low on-resistance and high
load current handling capability makes this relay
suitable for a variety of high performance switching
applications.
The "E" suffix signifies an enhanced isolation voltage.
Switching Characteristics of
Normally Open Devices
Approvals
• UL Recognized Component: File E69938
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off


Similar Part No. - CPC1983YE

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CPC1983YE LITTELFUSE-CPC1983YE Datasheet
181Kb / 6P
Normally Open Power SIP Relay
11/18/2025
More results

Similar Description - CPC1983YE

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
CPW2870B15 CPI-CPW2870B15 Datasheet
61Kb / 2P
DC SPUTTERING POWER SUPPLY WITH ACTIVE ARC SUPPRESSION
logo
Analog Devices
ADV7511KSTZ AD-ADV7511KSTZ Datasheet
94Kb / 2P
225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
logo
IXYS Corporation
CPC1727 IXYS-CPC1727 Datasheet
197Kb / 7P
Arc-Free With No Snubbing Circuits
CPC1926 IXYS-CPC1926 Datasheet
107Kb / 6P
Arc-Free With No Snubbing Circuits
CPC1973 IXYS-CPC1973 Datasheet
107Kb / 6P
Arc-Free With No Snubbing Circuits
CPC1981 IXYS-CPC1981 Datasheet
106Kb / 6P
Arc-Free With No Snubbing Circuits
CPC1983 IXYS-CPC1983 Datasheet
110Kb / 6P
Arc-Free With No Snubbing Circuits
CPC1983B IXYS-CPC1983B Datasheet
115Kb / 6P
Arc-Free With No Snubbing Circuits
logo
PHOENIX CONTACT
PLC-OPT-230AC PHOENIX-PLC-OPT-230AC Datasheet
76Kb / 5P
Wear-free switching with no contact bounce
logo
Littelfuse
D0920 LITTELFUSE-D0920 Datasheet
285Kb / 1P
Arc-Flash Monitoring
2016 Rev: 4-C-071316
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com