Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA5-1BF4 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDA5-1BF4
Description  Low clamping single line bidirectional ESD protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA5-1BF4 Datasheet(HTML) 3 Page - STMicroelectronics

  ESDA5-1BF4 Datasheet HTML 1Page - STMicroelectronics ESDA5-1BF4 Datasheet HTML 2Page - STMicroelectronics ESDA5-1BF4 Datasheet HTML 3Page - STMicroelectronics ESDA5-1BF4 Datasheet HTML 4Page - STMicroelectronics ESDA5-1BF4 Datasheet HTML 5Page - STMicroelectronics ESDA5-1BF4 Datasheet HTML 6Page - STMicroelectronics ESDA5-1BF4 Datasheet HTML 7Page - STMicroelectronics ESDA5-1BF4 Datasheet HTML 8Page - STMicroelectronics ESDA5-1BF4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DocID025812 Rev 1
3/10
ESDA5-1BF4
Characteristics
10
Figure 3. Leakage current versus junction
temperature (typical values)
Figure 4. Junction capacitance versus applied
voltage (typical values)
Tj °C
()
1
10
100
25
50
75
100
125
150
V = V
= 5 V
RRM
IR ( nA)
C (pF)
0
10
20
30
40
50
60
0.00
1.00
2.00
3.00
4.00
5.00
6.00
T = 25 °C
j
F = 1 Mhz
V
= 30 mV
OSC
VV
R ()
Figure 5. ESD response to IEC 61000-4-2
(+8 kV contact discharge)
Figure 6. ESD response to IEC 61000-4-2
(-8 kV contact discharge)
5 V/div
9 V
4
20 ns/div
V : Peak clamping voltage
CL
V :clamping voltage at 30 ns
CL
V :clamping voltage at 60 ns
CL
V :clamping voltage at 100 ns
CL
1
2
3
4
23 V
1
11 V
2
11 V
3
2
V : Peak clamping voltage
CL
V :clamping voltage at 30 ns
CL
V :clamping voltage at 60 ns
CL
V :clamping voltage at 100 ns
CL
1
2
3
4
-9 V
4
20 ns/div
5 V/div
-21 V
1
-11
-12 V
3
2
Figure 7. Dynamic resistance
Figure 8. S21 attenuation measurement result
0
5
10
15
20
510
15
Positive polarity
Negative polarity
I(A)
PP
V
(V)
CL
-50
100K
1M
10M
100M
1G
10G
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
ESDA5-1BF4
S21 (dB)
F (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com