Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA25W Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDA25W
Description  TRANSIL array for data protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA25W Datasheet(HTML) 1 Page - STMicroelectronics

  ESDA25W Datasheet HTML 1Page - STMicroelectronics ESDA25W Datasheet HTML 2Page - STMicroelectronics ESDA25W Datasheet HTML 3Page - STMicroelectronics ESDA25W Datasheet HTML 4Page - STMicroelectronics ESDA25W Datasheet HTML 5Page - STMicroelectronics ESDA25W Datasheet HTML 6Page - STMicroelectronics ESDA25W Datasheet HTML 7Page - STMicroelectronics ESDA25W Datasheet HTML 8Page - STMicroelectronics ESDA25W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev 2
August 2005
1/11
11
ESDAxxxWx
TRANSIL™ array for data protection
Main applications
Where transient overvoltage protection in ESD
sensitive equipment is required, such as :
Computers
Printers
Communication systems
Cellular phones handsets and accessories
Wireline and wireless telephone sets
Set top boxes
Features
2 up to 5 Unidirectional Transil functions
Breakdown voltage:
VBR = 6.1 V min. and 25 V min.
Low leakage current: < 1 µA
Very small PCB area < 4.2 mm2 typically
Description
The ESDAxxxWx are monolithic suppressors
designed to protect components connected to
data and transmission lines against ESD.
These devices clamp the voltage just above the
logic level supply for positive transients, and to a
diode drop below ground for negative transients.
Benefits
High ESD protection level: up to 25 kV
High integration
Complies with the following standards
IEC61000-4-2
MIL STD 883E - Method 3015-7 Class 3
Order codes
ESDA25W Functional diagram
ESDA6V1W5/ESDA25W5 Functional
diagram
ESDA6V1-5W6 Functional diagram
Level 4
15 kV (air discharge)
8 kV(contact discharge)
25 kV HBM (Human Body Model)
Part Numbers
Marking
ESDA6V1W5
E61
ESDA6V1-5W6
E62
ESDA25W
E25
ESDA25W5
E25
SOT323-3L
SOT323-5L
SOT323-6L
1
2
3
15
2
34
1
5
2
4
6
3
www.st.com


Similar Part No. - ESDA25W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA25W STMICROELECTRONICS-ESDA25W Datasheet
33Kb / 5P
QUAL TRANSILO ARRAY FOR ESD PROTECTION
Mar-2000
ESDA25W STMICROELECTRONICS-ESDA25W Datasheet
109Kb / 11P
TRANSIL??array for data protection
29-Aug-2005
ESDA25W5 STMICROELECTRONICS-ESDA25W5 Datasheet
38Kb / 5P
QUAL TRANSILO ARRAY FOR ESD PROTECTION
Mar-2000
ESDA25W5 STMICROELECTRONICS-ESDA25W5 Datasheet
109Kb / 11P
TRANSIL??array for data protection
29-Aug-2005
More results

Similar Description - ESDA25W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDAXXXWX STMICROELECTRONICS-ESDAXXXWX Datasheet
109Kb / 11P
TRANSIL??array for data protection
29-Aug-2005
ITAXXB1 STMICROELECTRONICS-ITAXXB1_07 Datasheet
88Kb / 7P
Bidirectional Transil??array for data line protection
15-Nov-2007
ESDALC6V1W5 STMICROELECTRONICS-ESDALC6V1W5_06 Datasheet
89Kb / 7P
Quad TRANSIL array for data protection
10-Jan-2006
ITAXXB3 STMICROELECTRONICS-ITAXXB3 Datasheet
112Kb / 8P
Bidirectional Transil array for data line protection
07-Nov-2007
ITAXXU1 STMICROELECTRONICS-ITAXXU1_07 Datasheet
90Kb / 8P
Transil array for data line protection
07-Nov-2007
logo
Leshan Radio Company
LESDA6V1W6T1G LRC-LESDA6V1W6T1G Datasheet
344Kb / 4P
Transil array for data protection
logo
Bruckewell Technology L...
ESDA6V1W6 BWTECH-ESDA6V1W6 Datasheet
426Kb / 4P
Transil array for data protection
ESDA6V1W5 BWTECH-ESDA6V1W5 Datasheet
505Kb / 4P
Transil array for data protection
logo
First Silicon Co., Ltd
ESDA6V1W6 FS-ESDA6V1W6 Datasheet
236Kb / 4P
Transil array for data protection
logo
AiT Semiconductor Inc.
ESDA6V1W6 AITSEMI-ESDA6V1W6 Datasheet
553Kb / 8P
TRANSIL ARRAY FOR DATA PROTECTION
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com