Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF200AB80 Datasheet(PDF) 1 Page - SanRex Corporation

Part # DF200AB80
Description  3-PHASE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

DF200AB80 Datasheet(HTML) 1 Page - SanRex Corporation

  DF200AB80 Datasheet HTML 1Page - SanRex Corporation DF200AB80 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DF200AB80/160
3-PHASE DIODE
25.0±0.2
25.0±0.2
25.0±0.2
93.0±0.5
110.0±0.5
5-ネジ深さ11㎜
8.0
13.0
2-開口部(5×10)
R7.5
14.0
14.0
Unit
単位:mm
UL; E76102
(M)
DF200AB80/160
《Feature & Advantages》
《特長》
• Three Phase Rectifier Bridge
• 三相整流用
• Isolated package
• 絶縁型
• Output DC current (200A)
• 定格直流出力電流 (200A)
• Tj(Max)=150
• 最大接合部温度 150
• 22㎜ Height
• 22㎜高
• High reliability by unique glass passivation
採用 高信頼性
実現
• RoHS directive compliance
• RoHS指令適合
《Applications》
《用途》
• AC, DC Motor Drive/AVR/Switching for three
phase rectification/Welding Machine
• AC、DC
制御
、交流
安定化電源、スイッチング電源等
の三相交流入力整流部、溶接機
Maximum Ratings
 最大定格
(Unless otherwise Tj=25℃ / 特にことわらない限り Tj=25℃)
Symbol
記号
Item
項 目
Ratings
定格値
Unit
単位
DF200AB80
DF200AB160
VRRM
Repetitive Peak Reverse Voltage
定格ピーク繰返し逆電圧
800
1600
V
VRSM
Non-Repetitive Peak Reverse Voltage
定格ピーク非繰返し逆電圧
960
1700
V
Electrical Characteristics
 電気的特性
(Unless otherwise Tj=25℃ / 特にことわらない限り Tj=25℃)
Symbol
記号
Item
項 目
Conditions
条 件
Ratings
定格値
Unit
単位
Min.
Typ. Max.
IRRM
Repetitive Peak Reverse Current
逆電流
Tj
=150℃,at VRRM
VRRM
印加
20.0
mA
VFM
Forward Voltage Drop
順電圧降下
IF
=200A,Inst. measurement
瞬時測定
1.20
V
Rth
(j-c) Thermal Impedance
熱抵抗
Junction to case
接合部ーケース間
0.1
℃/W
Symbol
記号
Item
項 目
Conditions
条 件
Ratings
定格値
Unit
単位
ID
Output Current
(D.C.)
直流出力電流
Three phase full wave,
三相全波整流回路
 TC=102℃
200
A
IFSM
Surge Forward Current
サージ順電流
1cycle, 50/60HZ, Peak value, non-repetitive
1
サイクル,50/60Hz正弦半波,波高値,非繰返し
1850/2000
A
I2t
I2t
電流二乗時間積
Value for one cycle of surge current
1
サイクルサージ順電流に対する値
17000
A2s
Tj
Operating Junction Temperature
接合部温度
−40∼+150
Tstg
Storage Temperature
保存温度
−40∼+125
VISO
Isolation Breakdown Voltage
(R.M.S.)
絶縁耐圧(実効値)
A.C.
,1minute
主端子─ケース間,A.C. 1分間
2500
V
Mounting torque
締付トルク強度
Mounting
(M5)取付
Recommended Value
推奨値 1.5
∼2.5(15∼25)
2.7
(28)
N
・m
(kgf・cm)
Terminals
(M5)端子
Recommended Value
推奨値 1.5
∼2.5(15∼25)
2.7
(28)
Mass
質量
Typical value
標準値
360
g


Similar Part No. - DF200AB80

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
DF200AA120 SANREX-DF200AA120 Datasheet
96Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF200AA160 SANREX-DF200AA160 Datasheet
96Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF200AC SANREX-DF200AC Datasheet
40Kb / 2P
Three Phase Rectifier Bridge Module
DF200AE160 SANREX-DF200AE160 Datasheet
936Kb / 2P
3-PHASE DIODE MODULE
DF200AE80 SANREX-DF200AE80 Datasheet
936Kb / 2P
3-PHASE DIODE MODULE
More results

Similar Description - DF200AB80

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D45XT80 SHINDENGEN-D45XT80 Datasheet
129Kb / 2P
3 Phase Bridge Diode
logo
SanRex Corporation
DF150AB80 SANREX-DF150AB80 Datasheet
683Kb / 2P
3-PHASE DIODE
DF200AE80 SANREX-DF200AE80 Datasheet
936Kb / 2P
3-PHASE DIODE MODULE
DFA150CB SANREX-DFA150CB Datasheet
856Kb / 3P
3-PHASE DIODE BRIDGE
DFA200CB SANREX-DFA200CB Datasheet
865Kb / 3P
3-PHASE DIODE BRIDGE
logo
Shindengen Electric Mfg...
D45XT80 SHINDENGEN-D45XT80_17 Datasheet
463Kb / 4P
3 Phase Bridge Diode
S10VT60 SHINDENGEN-S10VT60_17 Datasheet
457Kb / 4P
3 Phase Bridge Diode
S15VT60 SHINDENGEN-S15VT60_17 Datasheet
440Kb / 4P
3 Phase Bridge Diode
S20VT60 SHINDENGEN-S20VT60_17 Datasheet
458Kb / 4P
3 Phase Bridge Diode
S20VTA60 SHINDENGEN-S20VTA60_17 Datasheet
419Kb / 4P
3 Phase Bridge Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com