Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CER0074A Datasheet(PDF) 1 Page - CTS Corporation

Part # CER0074A
Description  Surface mount, silver (Ag) coated ceramic filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0074A Datasheet(HTML) 1 Page - CTS Corporation

  CER0074A Datasheet HTML 1Page - CTS Corporation CER0074A Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CER0074A
1472 MHz DAB BPF
Document No. 008-0256-0
Page 1 of 2
Rev. X4VH
Features
• Small Size
• Low Ripple
• Low Loss
Description
Surface mount, silver (Ag) coated ceramic
filter. Developed for use in Digital Audio
Broadcast Applications.
Weight: 0.4 grams typical
Material: Filter is composed of a ceramic
block plated with Ag.
Filter complies with RoHS standards.
Note: Supplier shall test each filter to the critical electrical specifications of the above table. Any subsequent audits may deviate from in value due to measurement
repeatability among different test systems. Such deviations shall not exceed the following limits:
Specification Allowance
Insertion Loss
0.1 dB
Return Loss
1.0 dB
Stopbands
1.0 dB
Passband Insertion Loss
1452-1492
0.4
0.8 dB
1.0 dB max
Passband Return Loss @ Input
1452-1492
20
11 dB
10 dB min
Passband Return Loss @ Output
1452-1492
20
11 dB
10 dB min
Passband Variation
1452-1492
0.15
0.2 dB
0.3 dB max
Attenuation:
1242
55.00
41 dB
40 dB min
Power into any port
1 Watt max
Spec. over
-40ºC - +85ºC
Typical @
25C
Spec @
25ºC
Parameter
Frequency
(MHz)
Electrical Specifications
Rev 0 – Origin Date: July 11, 2005 – Revision Date: July 11, 2005
- CTS Electronic Components - www.ctscorp.com - 171 Covington Drive - Bloomingdale, IL 60108 -
•“This product is covered by one or more of the following U.S. and foreign patents including: US 4,692,726;US 4,742,562; US 4,800,348;US 4,829,274;US 5,146,193;EP 0573597;DE 0573597;FR 0573597;JP 508149/92;KR 142171;US
5,162,760;US 5,218,329;US 5,250,916;US 5,327,109;US 5,488,335;CA 2114029;FR 9306297;GB 2273393;JP 3205337;KR 115113;CN 93106228.4;US 5,512,866;EP 0706719;DE 0706719;FR 0706719;GB 0706719;CN 95190359.4;US
5,602,518;US 5,721,520;US 5,745,018;EP 0910875;DE 0910875;DK 0910875;FR 0910875;GB 0910875;IE 0910875;JP 505182/98;KR 10-323013;US 5,994,978;US 6,462,629;CN 00810420.4;US 6,559,735;US 6,650,202;US
6,834,429.Other US and foreign patents pending.
•CTS Corporation 2006 reserves all copyrights in the layout, design and configuration of the patterns on this product.”


Similar Part No. - CER0074A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0074B CTS-CER0074B Datasheet
81Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
More results

Similar Description - CER0074A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0167B CTS-CER0167B Datasheet
68Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0171A CTS-CER0171A Datasheet
294Kb / 2P
Surface mount, silver (Ag) coated ceramic filter
CER0185A CTS-CER0185A Datasheet
101Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0186A CTS-CER0186A Datasheet
103Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0202A CTS-CER0202A Datasheet
276Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0206A CTS-CER0206A Datasheet
144Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0213C CTS-CER0213C Datasheet
61Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0220A CTS-CER0220A Datasheet
62Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0230A CTS-CER0230A Datasheet
71Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0231A CTS-CER0231A Datasheet
71Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com