Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CER0117A Datasheet(PDF) 2 Page - CTS Corporation

Part # CER0117A
Description  Surface mount, Silver (Ag) coated barium ceramic filter.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0117A Datasheet(HTML) 2 Page - CTS Corporation

  CER0117A Datasheet HTML 1Page - CTS Corporation CER0117A Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Recommended CER0117A PCB Layout
0.00
-0.13
0.90
1.91
5.24
5.75
9.00
9.50
12.50
12.75
0.25
-0.25
1.52
Exposed Conductor
Filter Outline
Solder Resist Over Dielectric
Solder Resist Over Conducto
CER0117A
881 MHz BPF
Document No. 008-0256-0
Page 2 of 2
Rev. X4VH
Mechanical Drawing
Electrical response
PCB Layout
Packaging and Marking
DIMENSION
UNITS
SPECIFICATION
REEL DIAMETER
mm
330
REEL WEIGHT
kg
1.7
REEL QUANTITY
ea.
250
Customer Feed Direction
Dim
Nominal (mm)
Tolerance (mm)
+/- or max
A
B
14.74
max
C
D
1.61
0.13
E
11.38
0.13
F
G
1.02
0.13
H
0.64
0.13
I
0.64
0.13
J
1.02
0.13
K
L
12.32
max
M
6.00
max
Rev 0 – Origin Date: July 11, 2005 – Revision Date: July 11, 2005
- CTS Electronic Components - www.ctscorp.com - 171 Covington Drive - Bloomingdale, IL 60108 -



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com