Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CER0123A Datasheet(PDF) 1 Page - CTS Corporation

Part # CER0123A
Description  Surface mount, silver (Ag) coated ceramic PCS duplexer.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0123A Datasheet(HTML) 1 Page - CTS Corporation

  CER0123A Datasheet HTML 1Page - CTS Corporation CER0123A Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CER0123A
1900 MHz PCS Duplexer
Document No. 008-0256-0
Page 1 of 2
Rev. X4VH
Features
• Low Loss
• Low Ripple
• High Tx Isolation
Description
Surface mount, silver (Ag) coated ceramic
PCS duplexer. Developed for use in PCS
infrastructure applications.
Weight: 2.63 grams typical
Material: Filter is composed of a ceramic
block plated with Ag and a shield made of
nickel silver plated steel.
Filter complies with RoHS standards.
Note: Supplier shall test each filter to the critical electrical specifications of the above table. Any subsequent audits may deviate from in value due to measurement
repeatability among different test systems. Such deviations shall not exceed the following limits:
Specification Allowance
Insertion Loss
0.1 dB
Return Loss
1.0 dB
Stopbands
1.0 dB
Electrical Specifications
Parameter
Frequency (MHz)
Typical
Spec. Over
-40ºC to +85ºC
TX to Antenna Response
Passband Insertion Loss
1850 – 1910
2.6 dB
3.2 dB max
Passband Return Loss @ TX
1850 – 1910
13.5 dB
10.0 dB min
Passband Return Loss @ ANT
1850 – 1910
13.5 dB
10.0 dB min
Passband Ripple
1850 – 1910
2.1 dB
2.6 dB max
Attenuation:
1930 – 1990
43.0 dB
40.0dB min
Antenna to RX Response
Passband Insertion Loss
1930 – 1990
2.9 dB
3.55 dB max
Passband Return Loss @ RX
1930 – 1990
13.5 dB
10.0 dB min
Passband Return Loss @ ANT
1930 – 1990
13.5 dB
10.0 dB min
Passband Ripple
1930 – 1990
2.1 dB
2.6 dB max
Attenuation:
1850 – 1910
51.0 dB
48.0 dB min
TX to RX Response
Rejection @ TX band
1850 – 1910
52.5 dB
50.0 dB min
Rejection @ RX band
1930 – 1990
45.0 dB
42.5dB min
Power rating
2 Watts max
Rev 0 – Origin Date: July 11, 2005 – Revision Date: July 11, 2005
- CTS Electronic Components - www.ctscorp.com - 171 Covington Drive - Bloomingdale, IL 60108 -
•“This product is covered by one or more of the following U.S. and foreign patents including: US 4,692,726;US 4,742,562; US 4,800,348;US 4,829,274;US 5,146,193;EP 0573597;DE 0573597;FR 0573597;JP 508149/92;KR 142171;US
5,162,760;US 5,218,329;US 5,250,916;US 5,327,109;US 5,488,335;CA 2114029;FR 9306297;GB 2273393;JP 3205337;KR 115113;CN 93106228.4;US 5,512,866;EP 0706719;DE 0706719;FR 0706719;GB 0706719;CN 95190359.4;US
5,602,518;US 5,721,520;US 5,745,018;EP 0910875;DE 0910875;DK 0910875;FR 0910875;GB 0910875;IE 0910875;JP 505182/98;KR 10-323013;US 5,994,978;US 6,462,629;CN 00810420.4;US 6,559,735;US 6,650,202;US 6,834,429.Other
US and foreign patents pending.
•CTS Corporation 2006 reserves all copyrights in the layout, design and configuration of the patterns on this product.”


Similar Part No. - CER0123A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0121A CTS-CER0121A Datasheet
88Kb / 2P
Surface mount, silver (Ag) coated ceramic duplexer
CER0126A CTS-CER0126A Datasheet
92Kb / 2P
Surface mount, silver (Ag) coated ceramic duplexer.
CER0127A CTS-CER0127A Datasheet
83Kb / 2P
Surface mount, silver (Ag) coated ceramic duplexer
More results

Similar Description - CER0123A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0111A CTS-CER0111A Datasheet
78Kb / 2P
Surface mount, silver (Ag) coated ceramic PCS duplexer.
CER0237C CTS-CER0237C Datasheet
74Kb / 2P
Surface mount, silver (Ag) coated ceramic duplexer.
CER0335A CTS-CER0335A Datasheet
72Kb / 2P
Surface mount, silver (Ag) coated ceramic duplexer
CER0395A CTS-CER0395A Datasheet
309Kb / 2P
Surface mount, silver (Ag) coated ceramic duplexer.
CER0439A CTS-CER0439A Datasheet
176Kb / 2P
Surface mount, silver (Ag) coated ceramic duplexer.
CER0472A CTS-CER0472A Datasheet
96Kb / 2P
Surface mount, silver (Ag) coated ceramic duplexer.
CER0496C CTS-CER0496C Datasheet
96Kb / 2P
Surface mount, silver (Ag) coated ceramic duplexer.
CER0613A CTS-CER0613A Datasheet
90Kb / 2P
Surface mount, silver (Ag) coated ceramic duplexer.
CER0668A CTS-CER0668A Datasheet
93Kb / 2P
Surface mount, silver (Ag) coated ceramic duplexer.
DPX0528A CTS-DPX0528A Datasheet
176Kb / 2P
Surface mount, silver (Ag) coated ceramic DUPlexer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com