Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J112 Datasheet(PDF) 1 Page - InterFET Corporation

Part # J112
Description  N-Channel Silicon Junction Field-Effect Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

J112 Datasheet(HTML) 1 Page - InterFET Corporation

  J112 Datasheet HTML 1Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
01/99
B-51
J111, J112, J113
N-Channel Silicon Junction Field-Effect Transistor
Absolute maximum ratings at TA = 25¡C
Reverse Gate Source & Reverse Gate Drain Voltage
– 35 V
Continuous Forward Gate Current
50 mA
Continuous Device Power Dissipation
360 mW
Power Derating
3.27 mW/°C
TOÐ226AA Package
Dimensions in Inches (mm)
Pin Configuration
1 Drain, 2 Source, 3 Gate
Surface Mount
SMPJ111, SMPJ112, SMPJ113
At 25°C free air temperature
J111
J112
J113
Process NJ132
Static Electrical Characteristics
Min
Max
Min
Max
Min
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
– 35
– 35
– 35
V
IG = – 1µA, VDS = ØV
Gate Reverse Current
IGSS
– 1– 1– 1
nA
VGS = – 15V, VDS = ØV
Gate Source Cutoff Voltage
VGS(OFF)
– 3
– 10
– 1
– 5
– 3
V
VDS = 5V, ID = 1 µA
Drain Saturation Current (Pulsed)
IDSS
20
5
2
mA
VDS = 15V, VGS = ØV
Drain Cutoff Current
ID(OFF)
– 1– 1– 1
nA
VDS = 15V, VGS = – 10V
Dynamic Electrical Characteristics
Drain Source ON Resistance
rds(on)
30
50
100
Ω
VGS = ØV, VDS = 0.1V
f = 1 kHz
Drain Gate Capacitance
Cdg
555
pF
VDS = ØV, VGS = – 10V
f = 1 MHz
Source Gate Capacitance
Cgs
555
pF
VDS = ØV, VGS = – 10V
f = 1 MHz
Drain Gate + Source Gate Capacitance
Cgd + Cgs
28
28
28
pF
VDS = VGS = ØV
f = 1 MHz
Switching Characteristics
Typ
Typ
Typ
Turn ON Delay Time
td(on)
777
ns
J111
J112
J113
Rise Time
tr
662
ns
VDD
10
10
10
V
Turn OFF Delay Time
td(off)
20
20
20
ns
VGS(OFF) – 12
– 7
– 5
V
Fall Time
tf
15
15
15
ns
RL
800
1600
3200
Ω
¥ Choppers
¥ Commutators
¥ Analog Switches
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Databook.fxp
1/13/99 2:09 PM
Page B-51


Similar Part No. - J112

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
J112 MOTOROLA-J112 Datasheet
110Kb / 4P
JFET Chopper Transistor (N-Channel- Depletion)
logo
ON Semiconductor
J112 ONSEMI-J112 Datasheet
110Kb / 4P
JFET Chopper Transistor
1997
logo
NXP Semiconductors
J112 PHILIPS-J112 Datasheet
35Kb / 6P
N-channel silicon field-effect transistors
July 1993
logo
Fairchild Semiconductor
J112 FAIRCHILD-J112 Datasheet
101Kb / 5P
N-Channel Switch
logo
Calogic, LLC
J112 CALOGIC-J112 Datasheet
21Kb / 1P
N-Channel JFET Switch
More results

Similar Description - J112

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
2N3821 INTERFET-2N3821 Datasheet
94Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J232 INTERFET-J232 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J110 INTERFET-J110 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IF4501 INTERFET-IF4501 Datasheet
91Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IF1801 INTERFET-IF1801 Datasheet
91Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
U311 INTERFET-U311 Datasheet
89Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IFN5432 INTERFET-IFN5432 Datasheet
99Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J304 INTERFET-J304 Datasheet
100Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
U309 INTERFET-U309 Datasheet
99Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
logo
New Jersey Semi-Conduct...
U311 NJSEMI-U311 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com