Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2258 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SC2258
Description  Silicon NPN triple diffusion planar type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC2258 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SC2258 Datasheet HTML 1Page - Panasonic Semiconductor 2SC2258 Datasheet HTML 2Page - Panasonic Semiconductor 2SC2258 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC2258
2
SJD00098BED
PC  Ta
IC  VCE
IC  VBE
IC  IB
VCE(sat)  IC
IB  VBE
hFE  IC
fT  IE
Cob  VCB
0
160
40
120
80
0
1
2
3
4
5
(2)
(1)
(1)With a 100
×100×2mm
Al heat sink
(2)Without heat sink
Ambient temperature T
a (°C)
0
120
100
80
60
40
20
010
24
8
6
Collector-emitter voltage V
CE (V)
TC=25˚C
1.8mA
IB=2.0mA
1.6mA
1.4mA
1.2mA
1.0mA
0.8mA
0.6mA
0.4mA
0.2mA
0
02.0
1.6
1.2
0.8
0.4
120
100
80
60
40
20
Base-emitter voltage V
BE (V)
VCE=10V
TC=100˚C
–25˚C
25˚C
0
0
2.0
1.6
1.2
0.8
0.4
120
100
80
60
40
20
VCE=10V
TC=25˚C
Base current I
B (mA)
0.01
0.1
0.1
1
10
100
1
10
100
Collector current I
C (A)
IC/IB=10
–25˚C
25˚C
TC=100˚C
0
3.0
2.5
2.0
1.5
1.0
0.5
0
1.0
0.8
0.6
0.4
0.2
Base-emitter voltage V
BE (V)
VCE=10V
TC=25˚C
0.01
0.1
1
10
0
240
200
160
120
80
40
Collector current I
C (mA)
VCE=10V
TC=100˚C
–25˚C
25˚C
0
40
120
80
160
−1
−10
−100
Emitter current I
E (mA)
VCB=10V
f=200MHz
TC=25˚C
1
10
100
0
10
8
6
4
2
Collector-base voltage V
CB (V)
IE=0
f=1MHz
TC=25˚C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com