Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J309 Datasheet(PDF) 1 Page - InterFET Corporation

Part # J309
Description  N-Channel Silicon Junction Field-Effect Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

J309 Datasheet(HTML) 1 Page - InterFET Corporation

  J309 Datasheet HTML 1Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
01/99
B-61
J308, J309
N-Channel Silicon Junction Field-Effect Transistor
Absolute maximum ratings at TA = 25¡C
Reverse Gate Source & Reverse Gate Drain Voltage
– 25 V
Continuous Forward Gate Current
10 mA
Continuous Device Power Dissipation
360 mW
Power Derating
3.27 mW/°C
TOÐ226AA Package
Dimensions in Inches (mm)
Pin Configuration
1 Drain, 2 Source, 3 Gate
Surface Mount
SMPJ308, SMPJ309
At 25°C free air temperature:
J308
J309
Process NJ72
Static Electrical Characteristics
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
– 25
– 25
V
IG = – 1µA, VDS = ØV
Gate Reverse Current
IGSS
– 1
– 1
nA
VGS = – 15V, VDS = ØV
– 1
– 1
µA
VGS = – 15V, VDS = ØV
TA = +125°C
Gate Source Cutoff Voltage
VGS(OFF)
– 1
– 6.5
– 1
– 4
V
VDS = 10V, ID = 1 nA
Gate Source Forward Voltage
VGS(F)
11
V
VDS = ØV, IG = 1 mA
Drain Saturation Current (Pulsed)
IDSS
12
60
12
30
mA
VDS = 10V, VGS = ØV
Dynamic Electrical Characteristics
Common Source Forward Transconductance
gfs
8000 17000
10000 17000
µS
VDS = 10V, ID = 10 mA
f = 1 kHz
Common Source Output Conductance
gos
250
250
µS
VDS = 10V, ID = 10 mA
f = 1 kHz
Common Gate Forward Transconductance
gfg
13000
13000
µS
VDS = 10V, ID = 10 mA
f = 1 kHz
Common Gate Output Transconductance
gog
150
100
µS
VDS = 10V, ID = 10 mA
f = 1 kHz
Gate Drain Capacitance
Cdg
1.8
2.5
1.8
2.5
pF
VDS = ØV, VGS = – 10V
f = 1 MHz
Gate Source Capacitance
Cgs
45
45
pF
VDS = ØV, VGS = – 10V
f = 1 MHz
Equivalent Short Circuit
¯eN
10
10
nV/
√Hz
VDS = 10V, ID = 10 mA
f = 100 kHz
Input Noise Voltage
Common Source Forward
Re(Yfs)
12
12
µS
VDS = 10V, ID = 10 mA
f = 105 MHz
Transconductance
Common Gate Input Conductance
Re(Yig)
14
14
µS
VDS = 10V, ID = 10 mA
f = 105 MHz
Common Source Input Conductance
Re(Yis)
0.4
0.4
µS
VDS = 10V, ID = 10 mA
f = 105 MHz
Common Source Output Conductance
Re(Gos)
0.15
0.15
µS
VDS = 10V, ID = 10 mA
f = 105 MHz
Common Gate Power Gain
Gpg
16
16
dB
VDS = 10V, ID = 10 mA
f = 105 MHz
at Noise Match
11
11
dB
VDS = 10V, ID = 10 mA
f = 450 MHz
Noise Figure
NF
1.5
1.5
dB
VDS = 15V, ID = 10 mA
f = 105 MHz
2.7
2.7
dB
VDS = 15V, ID = 10 mA
f = 450 MHz
¥ Mixers
¥ Oscillators
¥ VHF/UHF Amplifiers
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Databook.fxp
1/13/99 2:09 PM
Page B-61


Similar Part No. - J309

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
J309 ONSEMI-J309 Datasheet
160Kb / 8P
JFET VHF/UHF Amplifiers
1997
logo
Fairchild Semiconductor
J309 FAIRCHILD-J309 Datasheet
196Kb / 2P
SFET RF,VHF, UHF, Amplitiers
J309 FAIRCHILD-J309 Datasheet
561Kb / 13P
N-Channel RF Amplifier
logo
Calogic, LLC
J309 CALOGIC-J309 Datasheet
26Kb / 2P
N-Channel JFET High Frequency Amplifier
logo
Linear Integrated Syste...
J309 LINEAR-J309 Datasheet
294Kb / 2P
SINGLE N-CHANNEL HIGH FREQUENCY JFET
More results

Similar Description - J309

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
2N3821 INTERFET-2N3821 Datasheet
94Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J232 INTERFET-J232 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J110 INTERFET-J110 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IF4501 INTERFET-IF4501 Datasheet
91Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IF1801 INTERFET-IF1801 Datasheet
91Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IFN5432 INTERFET-IFN5432 Datasheet
99Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J112 INTERFET-J112 Datasheet
98Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J304 INTERFET-J304 Datasheet
100Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
U309 INTERFET-U309 Datasheet
99Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
logo
New Jersey Semi-Conduct...
U311 NJSEMI-U311 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com