Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAC40-B Datasheet(PDF) 2 Page - Recom International Power

Part # RAC40-B
Description  40 Watt Single/Dual/Double & Triple Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC40-B Datasheet(HTML) 2 Page - Recom International Power

  RAC40-B Datasheet HTML 1Page - Recom International Power RAC40-B Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RAC40-S_D_TB
Series
POWERLINE
AC/DC-Converter
Package Style and Pinning
Screw Terminal Module Option (suffix -ST)
6.0
81.30
27.00
2
7
6
12.7
Bottom View
89.0
63.5
1.2
55.88
5
12.7
1
3
15.24
4
15.24
Tolerance =± 0.5 mm
Pin Connections
Pin #
Single Out
Dual Out
Double Out
Triple Out
1
VAC in (L)
VAC in (L)
VAC in (L)
VAC in (L)
2
VAC in (N)
VAC in (N)
VAC in (N)
VAC in (N)
3
+VDC out
+VDC out
+12V Out
+VDC out
4
No Pin
No Pin
+5V Out
+5V Out
5
-VDC out
Com
+12V Rtn
Vout Com
6
No Pin
No Pin
+5V Rtn
+5V Rtn
7
NC
-VDC out
No Pin
-VDC out
100.0
111.9
50.0
63.7
1
2
3
4
5
6
7
8
Fuse
5.5
32.5
RAC40-xxS_D_TB
Removable DIN-Rail
Mounting Bracket
Pin Connections
Pin #
Single Out
Dual Out
Double Out
Triple Out
1NC
NC
NC
NC
2
VAC in (L)
VAC in (L)
VAC in (L)
VAC in (L)
3
VAC in (N)
VAC in (N)
VAC in (N)
VAC in (N)
4
+VDC out
+VDC out
+12V Out
+VDC out
5
NC
NC
+5V Out
+5V Out
6
-VDC out
Com
+12V Rtn
Com
7
NC
NC
+5V Rtn
+5V Rtn
8
NC
-VDC out
NC
-VDC out
NC = No Connection
Humidity
95% RH
Case Material
Epoxy with Fibreglass (UL94V-0)
Package Weight
280g
suffix (-ST)
300g
Packing Quantity
2 pcs (-ST Version: 1 pc)
EMC
EN 55022 Class B, EN55024
MTBF (+25°C)
using MIL-HDBK-217F
200~400 x 103 hours
Specifications (typical at 25°C and after warm up time unless otherwise specified )
Notes:
Note 1: Suggested input fuse rating 3.15A Slo Blo
Note 2: Triple output version has +/-Vout common that is not connected to +5V Return pin internally.
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
PA-52
www.recom-power.com
REV: 0/2015



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com