Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RACD35-A Datasheet(PDF) 2 Page - Recom International Power

Part # RACD35-A
Description  35 Watt PFC Single Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACD35-A Datasheet(HTML) 2 Page - Recom International Power

  RACD35-A Datasheet HTML 1Page - Recom International Power RACD35-A Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications (measured at 240VAC and 25°C ambient temperature)
RACD35-A
Series
FC 102.0
150 ±15
93.5
110.0
150 ±15
R1.9
V+ (Red)
V- (Black)
Dim+ (Blue)
Dim- (White)
UL 2464 18AWG 4C
SJTW 18AWG 2C
AC N (Blue)
AC L(Brown)
tc
16
Package Style & Pinning
Technical Characteristics
LIGHTLINE
AC/DC-Converter
100%
20%
40%
60%
80%
90100 115 130
180
Input Voltage (VAC) 60Hz
Load
220
240
295
Ta=25°C
10V
Open connection = 100%
100K
10K
10%
100%
1V
Analoge
Resistor
PWM
0
0
20
40
60
80
100
Emission
Report: HA130831-SACE
EN55015, Class B
IEC61000-3-2
IEC61000-3-3
FCC
Report: HA130831-SAFD
Part 15, Class B
EMC
Report: HA130831-SACE
IEC61000-4-2, 3, 4, 5, 6, 8, 11
Immunity
EN61547
IP67
Report: 14022002
IEC/EN 60598-1
IEC/EN 60529
Dimming Curve
Load vs. Input Voltage
www.recom-power.com
L-47
REV: 0/2015
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
Maximum Number of LED drivers per circuit breakers
Condition
Circuit Breaker
Circuit Breaker Current
Typ
10A
16A
20A
25A
115VAC, 1Ohm
90° phase angle
C
22
35
39
55
230VAC, 1Ohm
90° phase angle
B
18
30
35
43
C
29
46
55
69
277VAC, 1Ohm
90° phase angle
B
21
34
41
50
C
33
52
63
79



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com