Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP558 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP558
Description  Isolated Bus Driver High Speed Line Receiver Microprocessor System Interfaces MOS FET Gate Driver Transistor Inverter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP558 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP558 Datasheet HTML 1Page - Toshiba Semiconductor TLP558 Datasheet HTML 2Page - Toshiba Semiconductor TLP558 Datasheet HTML 3Page - Toshiba Semiconductor TLP558 Datasheet HTML 4Page - Toshiba Semiconductor TLP558 Datasheet HTML 5Page - Toshiba Semiconductor TLP558 Datasheet HTML 6Page - Toshiba Semiconductor TLP558 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TLP558
2002-09-25
5
(Note 6) Duration of output short circuit time should not exceed 10ms.
(Note 7) The tpLH propagation delay is measured from the 50% point on the trailing edge of the input pulse to the
1.3V point on the leading edge of the output pulse. The tpHL propagation delay is measured from the 50%
point on the leading edge of the input pulse to the 1.3V point on the trailing edge of the output pulse.
(Note 8) CML is the maximum rate of fall of the common mode voltage that can be sustained with the output voltage
in the logic low state (VO > 0.8V).
CMH is the maximum rate of rise of the common mode voltage that can be sustained with the output voltage
in the logic state (VO > 2.0).
(Note 9) A ceramic capacitor (0.1µF) should be connected from pin 8 to pin 5 to stabilize the operation of the high
gain linear amplifier. Failure to provide the bypassing may impair the switching property. The total lead length
between capacitor and coupler should not exceed 1cm.
Test Circuit 1: tpLH, tpHL, tr And tf
VOL
1.3V
Input IF
0mA
VOH
tpHL
IF(ON)
Output VO
t r
t f
90%
10%
50%
tpLH
VCC
Pulse generation
tr = tf = 5ns
VO = 5V
D1~D4
D2
: 1S1588
CL
D3
VCC
GND
Monitor
CL is approximately 15pF which includes
probe and stray wiring capacitance.
D1
D4
5V
6
4
3
1
5
7
IF Monitor
IF
VO
8
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com