Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RACD45-A Datasheet(PDF) 2 Page - Recom International Power

Part # RACD45-A
Description  45 Watt PFC Single Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACD45-A Datasheet(HTML) 2 Page - Recom International Power

  RACD45-A Datasheet HTML 1Page - Recom International Power RACD45-A Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
164 fixing center
45.1
38
fixing
center
3.5
0.8
BOTTOM
TOP
14
32.5
AC Side
0.8
DC Side
0.8
Tc
6
35.7
8
6
170±15
160±15
V+ (Red)
V- (Black)
Dim+ (Blue)
Dim- (White)
AC N (Blue)
AC L (Brown)
8
170±15
6
160±15
Note: Dim- and V- are internally connected
8
13
10
23
10
8
13
Specifications (measured at 230VAC and 25°C ambient temperature)
RACD45-A
Series
Package Style & Pinning
LIGHTLINE
AC/DC-Converter
Safety Standards
LED Lighting Safety
Report: E340696
UL8750
LED Lighting Safety (Canada)
Report: E340696
cUL8750
Class 2 Power Supply Safety
Report: E340696
UL1310
Extra Low-Voltage Class 2 Output
Report: E340696
CSA C22.2 No. 223-M91
LED equipment for lighting application
Report: E340696
CSA C22.2 No. 250.13-12
EN61347-1
EN61347-2-13
EN61000-3-2 Class C
EN61000-3-3
EN61000-4-2,3,4,5,6,8,11
EN61547
EN55015 FCC15
Design Lifetime
70 x 10³ hours max.
MTBF (+25°C)
using MIL-HDBK 217F
200 x 10³ hours min.
3 in 1 Dimming Control (DC / PWM / Resistance)
10K-100K Resistor Dimmable (Typical):
Resistor
Single-Driver
10K
20K
30K
40K
50K
60K
70K
80K
90K
100K
Multi-Driver
10K/N
20K/N
30K/N
40K/N
50K/N
60K/N
70K/N
80K/N
90K/N
100K/N
Iout (%)
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
The length of extended wire for DIM+/- shall not exceed 20 meters. (wire
≤ 20m)
N = The number of dimmer drivers should not exceed 15. (N
≤ 15mS)
DC: 10V / PWM Dimmable (Typical)
DC: 1-10V Dimmable (Typical)
02
4
6
8
10
0
20
40
60
80
100
Control Voltage (V)
0
20
40
60
80
100
0
20
40
60
80
100
Duty Cycle (%)
www.recom-power.com
L-49
REV: 0/2015
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
Maximum Number of LED drivers per circuit breakers
Condition
Circuit Breaker
Circuit Breaker Current
Typ
10A
16A
20A
25A
115VAC, 1Ohm
90° phase angle
C
16
28
31
43
230VAC, 1Ohm
90° phase angle
B
17
28
33
41
C
24
39
47
57
277VAC, 1Ohm
90° phase angle
B
20
32
38
47
C
28
44
54
66



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com