Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M59PW1282 Datasheet(PDF) 12 Page - STMicroelectronics

Part # M59PW1282
Description  128Mbit (two 64Mb, x16, Uniform Block, LightFlash™) 3V Supply, Multiple Memory Product
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59PW1282 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M59PW1282 Datasheet HTML 8Page - STMicroelectronics M59PW1282 Datasheet HTML 9Page - STMicroelectronics M59PW1282 Datasheet HTML 10Page - STMicroelectronics M59PW1282 Datasheet HTML 11Page - STMicroelectronics M59PW1282 Datasheet HTML 12Page - STMicroelectronics M59PW1282 Datasheet HTML 13Page - STMicroelectronics M59PW1282 Datasheet HTML 14Page - STMicroelectronics M59PW1282 Datasheet HTML 15Page - STMicroelectronics M59PW1282 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
M59PW1282
12/24
Figure 4. A22 Latch Procedure Waveforms
Note: G = VIH; DQ0–DQ15 are Don’t care; VTL = 10.5 ± 0.25V; VCC = 2.7 to 3.6V.
Table 7. A22 Latch Procedure AC Characteristics
Figure 5. Programming Flowchart
Figure 6. Chip Erase Flowchart
Symbol
Parameter
Min
Unit
tA22VA9TL
A22 valid to A9 at Third Level
1
µs
tA9HA9L
A9 High to A9 Low
1
µs
AI07257
A9
A22/VPP
A22 latched on
TL rising edge
VALID A22
A0-A8;
A10-A21
E
VTL
tA9HA9L
tA22VA9TL
AI08208
A22 Latch procedure
with A22 = VIH
Start
Program Command
execution on
64Mbit Top die
A22 Latch procedure
with A22 = VIL
Program Command
execution on
64Mbit Bottom die
READ (verify pattern)
on 128Mbit
End
AI08209
A22 Latch procedure
with A22 = VIH
Start
Chip Erase Command
execution on
64Mbit Top die
A22 Latch procedure
with A22 = VIL
Chip Erase Command
execution on
64Mbit Bottom die
Blank check
on 128Mbit
End



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com