Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CER0230C Datasheet(PDF) 2 Page - CTS Corporation

Part # CER0230C
Description  Surface mount, silver (Ag) coated ceramic filter.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0230C Datasheet(HTML) 2 Page - CTS Corporation

  CER0230C Datasheet HTML 1Page - CTS Corporation CER0230C Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CER0230C
836.5 MHz Monoblock LR Series BPF
Document No. 008-0256-0
Page 2 of 2
Rev. X4VH
Mechanical Drawing
Electrical response
PCB Layout
Packaging and Marking
Dim Nominal (mm)
Tolerance (mm)
+/- or max
A
33.8
Max
B5.02
0.25
C
23.5
0.13
D2.03
0.13
E0.64
0.13
F0.64
0.13
G2.03
0.13
H
13.3
Max
I6.5
Max
DIMENSION
UNITS SPECIFICATION
REEL DIAMETER
mm
330
REEL WEIGHT
kg
3.7
REEL QUANTITY
ea.
250
Customer Feed Direction
Filter Outline
Exposed Conductor
Solder Resist Over Conductor
Solder Resist Over Dielectric
0.20
2.13
4.05
0.00
-0.25
-0.13
3.53
1.61
13.30
5.77
6.27
8.08
8.59
10.39
10.90
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
790
810
830
850
870
890
910
-50
-40
-30
-20
-10
0
10
20
30
40
50
Rev 0 – Origin Date: July 11, 2005 – Revision Date: July 11, 2005
- CTS Electronic Components - www.ctscorp.com - 171 Covington Drive - Bloomingdale, IL 60108 -



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com