Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6229N Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6229N
Description  DMOS DRIVER FOR THREE-PHASE BRUSHLESS DC MOTOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6229N Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6229N Datasheet HTML 4Page - STMicroelectronics L6229N Datasheet HTML 5Page - STMicroelectronics L6229N Datasheet HTML 6Page - STMicroelectronics L6229N Datasheet HTML 7Page - STMicroelectronics L6229N Datasheet HTML 8Page - STMicroelectronics L6229N Datasheet HTML 9Page - STMicroelectronics L6229N Datasheet HTML 10Page - STMicroelectronics L6229N Datasheet HTML 11Page - STMicroelectronics L6229N Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
L6229
8/25
3
CIRCUIT DESCRIPTION
3.1 POWER STAGES and CHARGE PUMP
The L6229 integrates a Three-Phase Bridge, which consists of 6 Power MOSFETs connected as shown on the
Block Diagram. Each Power MOS has an RDS(ON) = 0.73
Ω (typical value @25°C) with intrinsic fast freewheeling
diode. Switching patterns are generated by the PWM Current Controller and the Hall Effect Sensor Decoding
Logic (see relative paragraphs). Cross conduction protection is implemented by using a dead time (tDT = 1µs
typical value) set by internal timing circuit between the turn off and turn on of two Power MOSFETs in one leg
of a bridge.
Pins VSA and VSB MUST be connected together to the supply voltage (VS).
Using N-Channel Power MOS for the upper transistors in the bridge requires a gate drive voltage above the
power supply voltage. The Bootstrapped Supply (VBOOT) is obtained through an internal oscillator and few ex-
ternal components to realize a charge pump circuit as shown in Figure 6. The oscillator output (pin VCP) is a
square wave at 600KHz (typically) with 10V amplitude. Recommended values/part numbers for the charge
pump circuit are shown in Table 7.
Table 7. Charge Pump External Component Values.
Figure 6. Charge Pump Circuit
3.2 LOGIC INPUTS
Pins FWD/REV, BRAKE, EN, H1, H2 and H3 are TTL/CMOS and µC compatible logic inputs. The internal struc-
ture is shown in Figure 4. Typical value for turn-ON and turn-OFF thresholds are respectively Vth(ON) = 1.8V and
Vth(OFF) = 1.3V.
Pin EN (enable) may be used to implement Overcurrent and Thermal protection by connecting it to the open collector
DIAG output If the protection and an external disable function are both desired, the appropriate connection must be
implemented. When the external signal is from an open collector output, the circuit in Figure 8 can be used . For ex-
ternal circuits that are push pull outputs the circuit in Figure 9 could be used. The resistor REN should be chosen in
the range from 2.2K
Ω to 180KΩ. Recommended values for REN and CEN are respectively 100KΩ and 5.6nF. More
information for selecting the values can be found in the Overcurrent Protection section.
CBOOT
220nF
CP
10nF
RP
100
Ω
D1
1N4148
D2
1N4148
D2
CBOOT
D1
RP
CP
VS
VSA
VCP
VBOOT
VSB
D01IN1328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com