Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N3018SS Datasheet(PDF) 1 Page - Diodes Incorporated

Part # N3018SS
Description  Low On-Resistance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

N3018SS Datasheet(HTML) 1 Page - Diodes Incorporated

  N3018SS Datasheet HTML 1Page - Diodes Incorporated N3018SS Datasheet HTML 2Page - Diodes Incorporated N3018SS Datasheet HTML 3Page - Diodes Incorporated N3018SS Datasheet HTML 4Page - Diodes Incorporated N3018SS Datasheet HTML 5Page - Diodes Incorporated N3018SS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMN3018SSS
Document number: DS35501 Rev. 5 - 2
1 of 6
www.diodes.com
February 2012
© Diodes Incorporated
DMN3018SSS
30V N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(ON) max
ID max
TA = 25°C
30V
21m
Ω @ VGS = 10V
7.3A
35m
Ω @ VGS = 4.5V
5.5A
Description and Applications
This MOSFET has been designed to minimize the on-state resistance
(RDS(on)) and yet maintain superior switching performance, making it
ideal for high efficiency power management applications.
•
Backlighting
•
Power Management Functions
•
DC-DC Converters
Features and Benefits
•
Low On-Resistance
•
Low Input Capacitance
•
Fast Switching Speed
•
ESD Protected Gate
•
“Green” component and RoHS compliant (Notes 1 & 2)
•
Qualified to AEC-Q101 standards for High Reliability
Mechanical Data
•
Case: SO-8
•
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminal Connections Indicator: See diagram
•
Terminals: Finish
⎯ Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
•
Weight: 0.008 grams (approximate)
Ordering Information (Note 3)
Part Number
Case
Packaging
DMN3018SSS-13
SO-8
2500/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. No purposely added lead. Halogen and Antimony free.
2. Diodes Inc.’s “Green” policy can be found on our website at http://www.diodes.com.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Top View
Logo
Part no.
Year: “11” = 2011
1
4
8
5
N3018SS
YY WW
Xth week: 01 ~ 53
SO-8
Top View
Source
Gate
Protection
Diode
Gate
Drain
Body
Diode
Equivalent Circuit Per Element
S
D
D
G
D
D
S
S
Top View
Pin Configuration
ESD PROTECTED


Similar Part No. - N3018SS

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
N301100 E-SWITCH-N301100 Datasheet
62Kb / 1P
ALL DIMENSIONS IN MM [INCH]
N301101 E-SWITCH-N301101 Datasheet
62Kb / 1P
ALL DIMENSIONS IN MM [INCH]
N301102 E-SWITCH-N301102 Datasheet
63Kb / 1P
ALL DIMENSIONS IN MM [INCH]
N301103 E-SWITCH-N301103 Datasheet
103Kb / 1P
ALL DIMENSIONS IN MM [INCH]
N301104 E-SWITCH-N301104 Datasheet
62Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - N3018SS

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
Low On-resistance
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
Low On-resistance
AP2430GN3-HF A-POWER-AP2430GN3-HF_14 Datasheet
96Kb / 4P
Low On-resistance
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
Low On-resistance
AP4228GM-HF A-POWER-AP4228GM-HF_14 Datasheet
204Kb / 5P
Low On-resistance
AP9579GJ-HF A-POWER-AP9579GJ-HF_14 Datasheet
99Kb / 4P
Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
Low On-Resistance
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com