Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6229D Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6229D
Description  DMOS DRIVER FOR THREE-PHASE BRUSHLESS DC MOTOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6229D Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6229D Datasheet HTML 3Page - STMicroelectronics L6229D Datasheet HTML 4Page - STMicroelectronics L6229D Datasheet HTML 5Page - STMicroelectronics L6229D Datasheet HTML 6Page - STMicroelectronics L6229D Datasheet HTML 7Page - STMicroelectronics L6229D Datasheet HTML 8Page - STMicroelectronics L6229D Datasheet HTML 9Page - STMicroelectronics L6229D Datasheet HTML 10Page - STMicroelectronics L6229D Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7/25
L6229
(6) Tested at 25°C in a restricted range and guaranteed by characterization.
(7) See Fig. 4.
(8) Measured applying a voltage of 1V to pin SENSE and a voltage drop from 2V to 0V to pin VREF.
(9) See Fig. 5.
Figure 4. Switching Characteristic Definition
Figure 5. Overcurrent Detection Timing Definition
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
tPULSE
Monostable of Time
RPUL = 20k
Ω ; CPUL =1nF
12
µs
RPUL = 100k
Ω ; CPUL =1nF
60
µs
RTACHO Open Drain ON Resistance
40
60
Ω
Over Current Detection & Protection
ISOVER
Supply Overcurrent Protection
Threshold
TJ = -25 to 125°C
(6)
2
2.8
3.55
A
ROPDR
Open Drain ON Resistance
IDIAG = 4mA
40
60
Ω
IOH
OCD high level leakage current
VDIAG = 5V
1
µA
tOCD(ON) OCD Turn-ON Delay Time (9)
IDIAG = 4mA; CDIAG < 100pF
200
ns
tOCD(OFF) OCD Turn-OFF Delay Time (9)
IDIAG = 4mA; CDIAG < 100pF
100
ns
Table 6. Electrical Characteristics (continued)
(VS = 48V , Tamb = 25 °C , unless otherwise specified)
Vth(ON)
Vth(OFF)
90%
10%
EN
IOUT
t
t
tFALL
tD(OFF)EN
tRISE
tD(ON)EN
D01IN1316
ISOVER
90%
10%
IOUT
VDIAG
tOCD(OFF)
tOCD(ON)
D02IN1387
ON
OFF
BRIDGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com