Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFMAF202 Datasheet(PDF) 5 Page - Leshan Radio Company

Part # FFMAF202
Description  Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

FFMAF202 Datasheet(HTML) 5 Page - Leshan Radio Company

  FFMAF202 Datasheet HTML 1Page - Leshan Radio Company FFMAF202 Datasheet HTML 2Page - Leshan Radio Company FFMAF202 Datasheet HTML 3Page - Leshan Radio Company FFMAF202 Datasheet HTML 4Page - Leshan Radio Company FFMAF202 Datasheet HTML 5Page - Leshan Radio Company FFMAF202 Datasheet HTML 6Page - Leshan Radio Company FFMAF202 Datasheet HTML 7Page - Leshan Radio Company FFMAF202 Datasheet HTML 8Page - Leshan Radio Company FFMAF202 Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Title :
C. 7" reel packing box
unit:mm
ABC
SMA-FL
SOD123FL
SOD323HE
186±2.0
139±2.0
185±2.0
as per above packing
SMA-FL
SOD123FL
SOD323HE
D. reel packing carton
unit:mm
ABC
size
350±2.0
340±2.0
350±2.0
as per above packing
Q'ty/Carton
80K
80K
unit:mm
ABC
SMA-FL
SOD123FL
SOD323HE
455±2.0
400±2.0
410±2.0
as per above packing
Q'ty/Carton
360K
360K
360K
5.1.2 Tape Spec
A. Cover Tape
unit:mm
A
SMA-FL
SMB-FL
TO277
9.5±0.10
SOD123FL
SOD323HE
5.4±0.10
30K
SMB-FL 13" reel
30K
0.062±0.007
30K
Spec
DOC NO.:
WI-258
Power Diode SMD Package Packing Spec
DOC NO.:
WI-258
Page:
3
Q'ty/Box
TO277 13" reel
Spec
SOD123-FL 7" reel
SOD323HE 7" reel
SMA-FL 7" reel
B



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com