Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0804LCD Datasheet(PDF) 13 Page - NXP Semiconductors

Part # ADC0804LCD
Description  CMOS 8-bit A/D converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ADC0804LCD Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button ADC0804LCD Datasheet HTML 9Page - NXP Semiconductors ADC0804LCD Datasheet HTML 10Page - NXP Semiconductors ADC0804LCD Datasheet HTML 11Page - NXP Semiconductors ADC0804LCD Datasheet HTML 12Page - NXP Semiconductors ADC0804LCD Datasheet HTML 13Page - NXP Semiconductors ADC0804LCD Datasheet HTML 14Page - NXP Semiconductors ADC0804LCD Datasheet HTML 15Page - NXP Semiconductors ADC0804LCD Datasheet HTML 16Page - NXP Semiconductors ADC0804LCD Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Philips Semiconductors
Product data
ADC0803/0804
CMOS 8-bit A/D converters
2002 Oct 17
13
20
VCC
D GND
VREF/2
A GND
A/D
CS
1
2
3
4
5
6
7
8
17 RD
INTO
WR
VIN(+)
VCC
D0
D1
D2
D3
D4
D5
D6
D7
+5 V
40
16
12
39
P1.0
P1.1
P1.2
P1.3
P1.4
P1.5
P1.6
P1.7
P0.0
SCN8051
OR
SCN80C51
18
17
16
15
14
13
12
11
2
3
5
1
RD
INTR
WR
19 CLK R
10 k
Ω
4 CLK IN
6
7
ANALOG
INPUTS
12
11
56 pF
SL00028
Figure 13. SCN8051 Interfacing
18
17
16
15
14
13
12
11
D0
D1
D2
D3
D4
D5
D6
D7
A/D
OE
DATA
BUS
8–BIT
BUFFER
N74LS241
N74LS244
N74LS541
SL00029
Figure 14. Buffering the A/D Output to Drive High Capacitance
Loads and for Driving Off-Board Loads
A/D
4.7 k
Ω
1.5 k
Ω
1
µF
0.47
µF
22 k
Ω
470
Ω
Ct
18 k
Ω
+5 V
NE5521
LVDT
IN4148
VIN(–)
3.3 k
Ω
2 k
Ω
VCC
VIN(+)
2 k
Ω
+5 V
100
Ω
FULL SCALE
ADJUST
820
Ω
VREF/2
SL00030
4.7 k
Ω
2 k
Ω
Figure 15. Digitizing a Transducer Interface Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com