Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REC6-R Datasheet(PDF) 1 Page - Recom International Power

Part # REC6-R
Description  6 Watt DIP24 Reinforced Single & Dual Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC6-R Datasheet(HTML) 1 Page - Recom International Power

  REC6-R Datasheet HTML 1Page - Recom International Power REC6-R Datasheet HTML 2Page - Recom International Power REC6-R Datasheet HTML 3Page - Recom International Power REC6-R Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ECONOLINE
DC/DC-Converter
with 3 year Warranty
REC6/R
Refer to Application Notes
8kVDC & 10kVDC Reinforced Isolation
Industry Standard DIP24 Package
6W Regulated Output
Continuous Short Circuit Protection
Wide Input 2:1
Medical Approved
EN, CSA and CB Certificates
2 Pinout Options
Control Pin Option
Efficiency to 86%
Features
Regulated
Converters
6 Watt DIP24
Reinforced
Single & Dual
Output
Selection Guide
Part
Input
Output
Output
Efficiency
Max
Number
Voltage
Voltage
Current
Capacitive
DIP24
(VDC)
(VDC)
(mA)
(%)
Load (1)
REC6-xx05SRW/R*
9 - 18, 18 - 36, 36 - 75
5
1000
80, 81, 82
6800µF
4.5 - 9
77
REC6-xx09SRW/R*
9 - 18, 18 - 36, 36 - 75
9
667
81, 82, 83
6800µF
4.5 - 9
555
80
REC6-xx12SRW/R*
9 - 18, 18 - 36, 36 - 75
12
500
82, 83, 84
6800µF
4.5 - 9
417
82
REC6-xx15SRW/R*
9 - 18, 18 - 36, 36 - 75
15
400
84, 85, 86
6800µF
4.5 - 9
333
83
REC6-xx24SRW/R*
9 - 18, 18 - 36, 36 - 75
24
250
83, 84, 85
4700µF
4.5 - 9
208
82
REC6-xx05DRW/R*
9 - 18, 18 - 36, 36 - 75
±5
±500
80, 81, 82 ±2200µF
4.5 - 9
77
REC6-xx09DRW/R*
9 - 18, 18 - 36, 36 - 75
±9
±335
81, 82, 83 ±2200µF
4.5 - 9
±278
80
REC6-xx12DRW/R*
9 - 18, 18 - 36, 36 - 75
±12
±250
81, 82, 83 ±2200µF
4.5 - 9
±208
82
REC6-xx15DRW/R*
9 - 18, 18 - 36, 36 - 75
±15
±200
82, 83, 84 ±2200µF
4.5 - 9
±167
80
R* = R8 or R10 for 8kVDC or 10kVDC isolation.
Note 1: Maximum capacitive load is defined as the capacitive load that will allow start up in under 1 second
without damage to the converter.
The REC6 series uses a reinforced isolation transformer to offer exceptionally high isolation of
8kVDC (4kVAC/1 minute) or 10kVDC (5kVAC/1minute) making it suitable for HT monitoring cir-
cuits, mains power meters, IGBT isolated power supplies and other sophisticated industrial and
medical applications. The isolation capacitance of only 20pF makes them also suitable for low
leakage applications. The isolation transformer is recognized by CSA as reinforced isolated with
a minimum internal clearance of 2.4mm and a minimum internal creepage clearance of 4.6mm.
The REC6 is available in two industry-standard pinouts (= "/A" or "/C"). Remote on/off con-
trol is possible with the /CTRL option (A pinning only) and an optional undervoltage lockout
function is also available (="/X1"). The converters can deliver 140% rated power for short pe-
riods of time to cope with applications with large capacitive loads or high start up currents.
Description
2:1 Input
(REC6-S_DRW/R8(R10)
xx = 4.5-9Vin = 05
xx = 9-18Vin = 12
xx = 18-36Vin = 24
xx = 36-75Vin = 48
* add suffix "/A" or "/C" for pinning options, see next page for details.
* add suffix “/CTRL” for control pin option (A Pinning only)
* add suffix "/X1" for Undervoltage Lockout
Ordering Examples:
REC6-0512DRW/R8/A/CTRL= 5V Vin, ±12V Vout, 8kVDC isolation, pinout “A”,control pin
REC6-4805SRW/R10/A = 48V Vin, 5V Vout, 10kVDC isolation, pinout “A”
REC6-1212DRW/R8/C/X1 = 12V Vin, ±12V Vout, 8kVDC isolation, pinout “C”,UVL
REC6-0505SRW/R10/A/CTRL/X1 = 5V Vin, 5V Vout, 10kVDC isolation, pinout “A”,control pin, UVL
Derating-Graph
(Ambient Temperature)
120
100
20
60
125
75
0
-40
Operating Temperature (°C)
0
80
50
25
85
40
105
Safe Operating Area
C22.2-No. 60950 Certified
C22.2-601.1 Certified
UL-60601.1 Certified
E-314885
RoHS
2011/65/EU
6/6
REV: 0/2015
E-153
www.recom-power.com


Similar Part No. - REC6-R

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC6-xx05DRWR RECOM-REC6-xx05DRWR Datasheet
115Kb / 4P
6 Watt DIP24 Reinforced Single & Dual Output
REC6-xx05SRWR RECOM-REC6-xx05SRWR Datasheet
115Kb / 4P
6 Watt DIP24 Reinforced Single & Dual Output
REC6-xx09DRWR RECOM-REC6-xx09DRWR Datasheet
115Kb / 4P
6 Watt DIP24 Reinforced Single & Dual Output
REC6-xx09SRWR RECOM-REC6-xx09SRWR Datasheet
115Kb / 4P
6 Watt DIP24 Reinforced Single & Dual Output
REC6-xx12DRWR RECOM-REC6-xx12DRWR Datasheet
115Kb / 4P
6 Watt DIP24 Reinforced Single & Dual Output
More results

Similar Description - REC6-R

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP1P5 RECOM-RP1P5 Datasheet
100Kb / 4P
1.5 Watt DIP24 & SMD, Single & Dual Output
REC2.2-123.3SR RECOM-REC2.2-123.3SR Datasheet
85Kb / 2P
2.2 Watt DIP24 Single & Dual Output
REC2.2-123.3SRWH1 RECOM-REC2.2-123.3SRWH1 Datasheet
85Kb / 3P
2.2 Watt DIP24 Single & Dual Output
REC3-123.3SRH1 RECOM-REC3-123.3SRH1 Datasheet
85Kb / 2P
2 Watt DIP24 Single & Dual Output
RP12-122.5SA RECOM-RP12-122.5SA Datasheet
93Kb / 4P
12 Watt DIP24 Single & Dual Output
REC3-053.3SR RECOM-REC3-053.3SR Datasheet
74Kb / 2P
3 Watt DIP24 & SMD Single & Dual Output
REC3.5 RECOM-REC3.5 Datasheet
115Kb / 4P
3.5 Watt DIP24 Reinforced Single & Dual Output
REC6 RECOM-REC6 Datasheet
115Kb / 4P
6 Watt DIP24 Reinforced Single & Dual Output
REC3.5-R RECOM-REC3.5-R Datasheet
115Kb / 4P
3.5 Watt DIP24 Reinforced Single & Dual Output
RP06-RAW RECOM-RP06-RAW Datasheet
878Kb / 9P
6 Watt DIP24 Single and Dual Output
REV.: 0/2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com