Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REC10-4812S/H2/M Datasheet(PDF) 1 Page - Recom International Power

Part # REC10-4812S/H2/M
Description  10 Watt Single & Dual Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC10-4812S/H2/M Datasheet(HTML) 1 Page - Recom International Power

  REC10-4812S/H2/M Datasheet HTML 1Page - Recom International Power REC10-4812S/H2/M Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Refer to Application Notes
ECONOLINE
DC/DC-Converter
with 3 year Warranty
REC10/M
RoHS
2011/65/EU
6/6
Selection Guide
● 10W in 2” x 1” Package
● 2kVDC and 3kVDC Isolation Options
● 2:1 or 4:1 Input Voltage Range
● Continuous Short Circuit Protection
(power limiting)
● Synchronous Rectification on all Del outputs
● Full SMD internal design
● Remote Control Pin
● Efficiency to 87%
Features
Regulated
Converters
Part
Input
Output
Output
Efficiency Max. Cap.
Number
Voltage
Voltage
Current
(typ.)
Load
(VDC)
(VDC)
(mA)
(%)
REC10-xx3.3S/H*/M
9-18, 18-36, 36-75
3.3
2000
83-84
2200µF
REC10-xx05S/H*/M
9-18, 18-36, 36-75
5
2000
86-87
2200µF
REC10-xx12S/H*/M
9-18, 18-36, 36-75
12
833
85-86
2200µF
REC10-xx15S/H*/M
9-18, 18-36, 36-75
15
667
85-86
2200µF
REC10-xx05D/H*/M
9-18, 18-36, 36-75
±5
±1000
82-83
±1000µF
REC10-xx12D/H*/M
9-18, 18-36, 36-75
±12
±416
85-86
±1000µF
REC10-xx15D/H*/M
9-18, 18-36, 36-75
±15
±333
85-86
±1000µF
REC10-xx3.3SZ/H*/M
9-36, 18-75
3.3
2000
82
2200µF
REC10-xx05SZ/H*/M
9-36, 18-75
5
2000
86
2200µF
REC10-xx12SZ/H*/M
9-36, 18-75
12
833
85
2200µF
REC10-xx15SZ/H*/M
9-36, 18-75
15
667
86
2200µF
REC10-xx05DZ/H*/M
9-36, 18-75
±5
±1000
82
±1000µF
REC10-xx12DZ/H*/M
9-36, 18-75
±12
±416
85
±1000µF
REC10-xx15DZ/H*/M
9-36, 18-75
±15
±333
86
±1000µF
2:1
xx = 9-18Vin = 12,
xx = 18-36Vin = 24,
xx = 36-75Vin = 48
* Standard is /H2 for 2kVDC isolation,
use /H3 for 3kVDC Isolation
Description
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
The REC10-xxxxS_D/M -series offer single and dual regulated outputs in a 2”x1” package with
2kVDC or 3kVDC isolation options and are suitable for higher power industrial applications. Re-
mote on/off control is standard. The converters can deliver 150% rated power for short periods
of time to cope with applications with large capacitive loads or high start up currents.
Input Voltage Range
2:1 or 4:1
Input Filter
PI Network
Output Voltage Accuracy (the Output 3.3V is ±1.2% max.)
±1.0% max.
Line Voltage Regulation
±0.3% max.
Load Voltage Regulation
Single
±0.5% max.
(25% to 100% full load )
Dual
±1.2% max.
Cross Regulation (100%: 25% to 100% full load )
±5% max.
Output Ripple and Noise (with 100n output capacitor and 20MHz BW)
100mVp-p max.
Start-up time (Nom. Vin at 100% Load)
25ms typ.
Operating Frequency (Full Load)
300kHz typ.
Efficiency (Nom. Vin at 100% Load)
see Selection Guide
Minimum Load
0%
Input Surge Voltage (100ms max.)
12V Input
36VDC
24V Input
50VDC
48V Input
100VDC
continued on next page
10 Watt
2” x 1”
Single & Dual
Output
4:1
xx = 9-36Vin = 24,
xx = 18-75Vin = 48
EN-60950-1 Certified
EN-60601-1 Certified
UL-60950-1 Certified
E-224736
**Any data referred to in this datasheet are of indicative nature
and based on our practical experience only. For further details,
please refer to our Application Notes.
REV: 0/2015
www.recom-power.com
E-166


Similar Part No. - REC10-4812S/H2/M

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC10-4812SRW RECOM-REC10-4812SRW Datasheet
82Kb / 2P
10 Watt 1??x 2??Single & Dual Output
REC10-4812SRWH RECOM-REC10-4812SRWH Datasheet
82Kb / 2P
10 Watt 1??x 2??Single & Dual Output
REC10-4812SRWL RECOM-REC10-4812SRWL Datasheet
90Kb / 2P
ECONOLINE - DC/DC - CONVERTER
REC10-4812SRWLZ RECOM-REC10-4812SRWLZ Datasheet
90Kb / 2P
ECONOLINE - DC/DC - CONVERTER
REC10-4812SRWZ RECOM-REC10-4812SRWZ Datasheet
82Kb / 2P
10 Watt 1??x 2??Single & Dual Output
More results

Similar Description - REC10-4812S/H2/M

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC10-3.3SA RECOM-RAC10-3.3SA Datasheet
87Kb / 2P
10 Watt Single & Dual Output
logo
RSG Electronic Componen...
RV1-S10-D10 RSG-RV1-S10-D10 Datasheet
142Kb / 4P
10 Watt regulated single & dual output
logo
Recom International Pow...
RAC10-C-277 RECOM-RAC10-C-277 Datasheet
105Kb / 4P
10 Watt Single / Dual Output
RP10-A RECOM-RP10-A Datasheet
524Kb / 7P
10 Watt Single & Dual Output
RP10-AW RECOM-RP10-AW Datasheet
521Kb / 7P
10 Watt Single & Dual Output
RP10-E RECOM-RP10-E Datasheet
593Kb / 7P
10 Watt Single & Dual Output
RP10-EW RECOM-RP10-EW Datasheet
495Kb / 7P
10 Watt Single & Dual Output
RAC10-S-DA RECOM-RAC10-S-DA Datasheet
87Kb / 2P
10 Watt Single/Dual Output
RAC10-S-DC-277 RECOM-RAC10-S-DC-277 Datasheet
106Kb / 4P
10 Watt Single / Dual Output
RP10-RAW RECOM-RP10-RAW Datasheet
813Kb / 8P
10 Watt DIP24 Single and Dual Output
REV.: 0/2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com