Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REC15-4812S/H2/M Datasheet(PDF) 1 Page - Recom International Power

Part # REC15-4812S/H2/M
Description  15 Watt Single & Dual Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC15-4812S/H2/M Datasheet(HTML) 1 Page - Recom International Power

  REC15-4812S/H2/M Datasheet HTML 1Page - Recom International Power REC15-4812S/H2/M Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Refer to Application Notes
ECONOLINE
DC/DC-Converter
with 3 year Warranty
REC15/M
Selection Guide
● 15W in 2” x 1” Package
● 2kVDC and 3kVDC Isolation Options
● 2:1 or 4:1 Input Voltage Range
● Continuous Short Circuit Protection
(power limiting)
● Synchronous Rectification on 3.4V & 5.1V outputs
● Full SMD internal design
● Remote Control Pin
● Efficiency to 87%
Features
Regulated
Converters
Part
Input
Output
Output
Efficiency Max. Cap.
Number
Voltage
Voltage
Current
(typ.)
Load
(VDC)
(VDC)
(mA)
(%)
REC15-xx3.4S/H*/M
9-18, 18-36, 36-75
3.4
3000
84-85
3300µF
REC15-xx5.1S/H*/M
9-18, 18-36, 36-75
5.1
3000
86-87
3300µF
REC15-xx12S/H*/M
9-18, 18-36, 36-75
12
1250
85-86
3300µF
REC15-xx15S/H*/M
9-18, 18-36, 36-75
15
1000
85-86
3300µF
REC15-xx05D/H*/M
9-18, 18-36, 36-75
±5
±1500
82-83
±1500µF
REC15-xx12D/H*/M
9-18, 18-36, 36-75
±12
±625
85-86
±1000µF
REC15-xx15D/H*/M
9-18, 18-36, 36-75
±15
±500
85-86
±1000µF
REC15-xx3.4SZ/H*/M
9-36, 18-75
3.4
3000
84-85
3300µF
REC15-xx5.1SZ/H*/M
9-36, 18-75
5.1
3000
87
3300µF
REC15-xx12SZ/H*/M
9-36, 18-75
12
1250
86
3300µF
REC15-xx15SZ/H*/M
9-36, 18-75
15
1000
86
3300µF
REC15-xx05DZ/H*/M
9-36, 18-75
±5
±1500
83
±1500µF
REC15-xx12DZ/H*/M
9-36, 18-75
±12
±625
86
±1000µF
REC15-xx15DZ/H*/M
9-36, 18-75
±15
±500
86
±1000µF
2:1
xx = 9-18Vin = 12,
xx = 18-36Vin = 24,
xx = 36-75Vin = 48
* Standard is /H2 for 2kVDC isolation,
use /H3 for 3kVDC Isolation
Description
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
The REC15-xxxxS_D/M -series offer single and dual regulated outputs in a 2”x1” package with
2kVDC or 3kVDC isolation options and are suitable for higher power industrial applications. Re-
mote on/off control is standard. The converters can deliver 150% rated power for short periods
of time to cope with applications with large capacitive loads or high start up currents. The out-
puts with 3A load current have raised output voltages to compensate for track losses as stan-
dard.
Input Voltage Range
2:1 or 4:1
Input Filter
PI Network
Output Voltage Accuracy (the Output 3.4V is ±1.2% max.)
±1.0% max.
Line Voltage Regulation
±0.3% max.
Load Voltage Regulation
Single
±0.5% max.
(25% to 100% full load )
Dual
±1.2% max.
Cross Regulation (100%: 25% to 100% full load )
±5% max.
Output Ripple and Noise (with 100n output capacitor and 20MHz BW)
100mVp-p max.
Start-up time (Nom. Vin at 100% Load)
25ms typ.
Operating Frequency (Full Load)
300kHz typ.
Efficiency (Nom. Vin at 100% Load)
see Selection Guide
Minimum Load
0%
Input Surge Voltage (100ms max.)
12V Input
36VDC
24V Input
50VDC
48V Input
100VDC
continued on next page
15 Watt
2” x 1”
Single & Dual
Output
4:1
xx = 9-36Vin = 24,
xx = 18-75Vin = 48
E-224736
RoHS
2011/65/EU
6/6
EN-60950-1 Certified
EN-60601-1 Certified
UL-60950-1 Certified
**Any data referred to in this datasheet are of indicative nature
and based on our practical experience only. For further details,
please refer to our Application Notes.
REV: 0/2015
www.recom-power.com
E-168


Similar Part No. - REC15-4812S/H2/M

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC15-4812SRW RECOM-REC15-4812SRW Datasheet
82Kb / 2P
15 Watt 1??x 2??Single & Dual Output
REC15-4812SRWB RECOM-REC15-4812SRWB Datasheet
89Kb / 2P
ECONOLINE - DC/DC - CONVERTER
REC15-4812SRWB RECOM-REC15-4812SRWB Datasheet
95Kb / 2P
REC15-S/DRWB(Z) Ser., 15W, 2 x 2, Regul., Wide Input 2 : 1 AND 4 : 1 (Single AND Dual Output)
REC15-4812SRWBZ RECOM-REC15-4812SRWBZ Datasheet
89Kb / 2P
ECONOLINE - DC/DC - CONVERTER
REC15-4812SRWBZ RECOM-REC15-4812SRWBZ Datasheet
95Kb / 2P
REC15-S/DRWB(Z) Ser., 15W, 2 x 2, Regul., Wide Input 2 : 1 AND 4 : 1 (Single AND Dual Output)
More results

Similar Description - REC15-4812S/H2/M

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-2405SEW RECOM-RP15-2405SEW Datasheet
96Kb / 4P
15 Watt Single & Dual Output
RAC15-05SA RECOM-RAC15-05SA Datasheet
97Kb / 3P
15 Watt Single, Dual & Triple Output
RP15-2405SEW RECOM-RP15-2405SEW_06 Datasheet
85Kb / 4P
15 Watt Single & Dual Output
RP15-2415DA RECOM-RP15-2415DA Datasheet
92Kb / 4P
15 Watt Single Dual Output
RAC15-A RECOM-RAC15-A Datasheet
87Kb / 2P
15 Watt Single/Dual & Triple Output
RP15-A RECOM-RP15-A Datasheet
518Kb / 8P
15 Watt Single & Dual Output
RP15-AW RECOM-RP15-AW Datasheet
493Kb / 8P
15 Watt Single & Dual Output
RP15-F RECOM-RP15-F Datasheet
514Kb / 7P
15 Watt Single & Dual Output
RP15-FW RECOM-RP15-FW Datasheet
494Kb / 7P
15 Watt Single & Dual Output
RAC15-S-D-TA RECOM-RAC15-S-D-TA Datasheet
87Kb / 2P
15 Watt Single/Dual & Triple Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com