Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REC10-4812SZ/H2/M Datasheet(PDF) 2 Page - Recom International Power

Part # REC10-4812SZ/H2/M
Description  10 Watt Single & Dual Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC10-4812SZ/H2/M Datasheet(HTML) 2 Page - Recom International Power

  REC10-4812SZ/H2/M Datasheet HTML 1Page - Recom International Power REC10-4812SZ/H2/M Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3
1
2
5
4
20.32
50.8
dia.
0.8
10.16
10.16
12.70
15.24
Bottom View
6
2.50
5.08
25.4
5.6
10.2
20.32
15.2
2.54
5.08
Specifications cont. (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
Isolation Voltage
H2-Suffix
(tested for 1 second)
2000VDC
(rated for 1 minute)
1000VAC / 60Hz
H3-Suffix
(tested for 1 second)
3000VDC
(rated for 1 minute)
1500VAC / 60Hz
Under Voltage Lockout (2:1)
12V Input
DC-DC on 8.3VDC, DC-DC off 7.9VDC
24V Input
DC-DC on 17.4VDC, DC-DC off 16.7VDC
48V Input
DC-DC on 35.7VDC, DC-DC off 34.3VDC
Under Voltage Lockout (4:1)
24V Input
DC-DC on 8.3VDC, DC-DC off 7.9VDC
48V Input
DC-DC on 17.4VDC, DC-DC off 16.7VDC
Isolation Capacitance
1200pF typ.
Isolation Resistance
1 G
Ω min.
Overload Protection
150% typ.
Short Circuit Protection
Continuous, Auto Restart
Operating Temperature Range
4:1
-40°C to +71°C (see Graph)
(free air convection)
2:1
-40°C to +81°C (see Graph)
Storage Temperature Range
-55°C to +105°C
Remote On/Off
DC/DC ON
Open or 3.5V<Vr<12V
DC/DC OFF
Short or 0V<Vr<1.2V
Temperature Coefficient
±0.05% max.
Relative Humidity
95% RH
Case Material
Nickel Plated Metal with Non-Conductive Base
Thermal Impedance
Natural convection
12°C/W
Maximum Case Temperature
100°C
Vibration
10-55Hz, 2G, 30mins along X,Y & Z
Package Weight
27g
Packing Quantity
10 pcs per Tube
MTBF (+25°C)
using MIL-HDBK 217F
>1000 x 103hours
(+71°C)
using MIL-HDBK 217F
>250 x 103hours
Certifications
EN General Safety
Report: SPCLVD1211033-2
EN60950-1:2006 + A12:2011
UL General Safety
Report: E224736
UL 60950-1 1st Ed.
C22.2 No. 60950-1-03
EN Medical Safety
Report: MDD12060585 + RM1206085
IEC/EN 60601-1 3rd Edition; Medical Report + ISO14971 Risk Assessment
REC10-S_D/H*/M
Series
ECONOLINE
DC/DC-Converter
Derating-Graph
(Ambient Temperature)
2:1 Converters
4:1 Converters
Package Style and Pinning (mm)
2” x 1” Package
XX.X ± 0.5 mm
XX.XX ± 0.35 mm
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
–Vin
–Vin
3
+Vout
+Vout
4
No Pin
Com
5
–Vout
–Vout
6
CTRL
CTRL
Detailed Information see
Application Notes chapter "MTBF"
}
Note: Refer to Application Notes for EMC Class B Filter suggestion
100
60
20
40
100
50
0
-40
150
Operating Temperature °C
0
80
Safe Operating Area
81
100
60
20
40
90
50
0
-40
71
150
Operating Temperature °C
0
80
Safe Operating Area
4:1
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
REV: 0/2015
E-167
www.recom-power.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com