Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM74LS192N Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM74LS192N
Description  54LS192/DM74LS192 Up/Down Decade Counter with Separate Up/Down Clocks
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM74LS192N Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DM74LS192N Datasheet HTML 1Page - National Semiconductor (TI) DM74LS192N Datasheet HTML 2Page - National Semiconductor (TI) DM74LS192N Datasheet HTML 3Page - National Semiconductor (TI) DM74LS192N Datasheet HTML 4Page - National Semiconductor (TI) DM74LS192N Datasheet HTML 5Page - National Semiconductor (TI) DM74LS192N Datasheet HTML 6Page - National Semiconductor (TI) DM74LS192N Datasheet HTML 7Page - National Semiconductor (TI) DM74LS192N Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF10178
May 1992
54LS192DM74LS192 UpDown Decade Counter
with Separate UpDown Clocks
General Description
The ’LS192 is an updown BCD decade (8421) counter
Separate Count Up and Count Down Clocks are used and in
either counting mode the circuits operate synchronously
The outputs change state synchronous with the LOW-to-
HIGH transitions on the clock inputs
Separate Terminal Count Up and Terminal Count Down out-
puts are provided which are used as the clocks for a subse-
quent stage without extra logic thus simplifying multistage
counter designs Individual preset inputs allow the circuits to
be used as programmable counters Both the Parallel Load
(PL) and the Master Reset (MR) inputs asynchronously
override the clocks
Connection Diagram
Dual-In-Line Package
TLF10178 – 1
Order Number 54LS192DMQB 54LS192FMQB
54LS192LMQB DM74LS192M or DM74LS192N
See NS Package Number E20A J16A
M16A N16E or W16A
Logic Symbol
TLF10178 – 2
VCC e Pin 16
GND e Pin 8
Pin Names
Description
CPU
Count Up Clock Input
(Active Rising Edge)
CPD
Count Down Clock Input
(Active Rising Edge)
MR
Asynchronous Master Reset Input
(Active HIGH)
PL
Asynchronous Parallel Load Input
(Active LOW)
P0 – P3
Parallel Data Inputs
Q0 – Q3
Flip-Flop Outputs
TCD
Terminal Count Down (Borrow)
Output (Active LOW)
TCU
Terminal Count Up (Carry)
Output (Active LOW)
Mode Select Table
MR
PL
CPU
CPD
Mode
H
X
X
X
Reset (Asyn)
L
L
X
X
Preset (Asyn)
L
H
H
H
No Change
LH
L
H
Count Up
LH
H
L
Count Down
H e HIGH Voltage Level
L e LOW Voltage Level
X e Immaterial
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DM74LS192N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74LS190 NSC-DM74LS190 Datasheet
174Kb / 8P
Synchronous 4-Bit Up/Down Counters with Mode Control
DM74LS190M NSC-DM74LS190M Datasheet
174Kb / 8P
Synchronous 4-Bit Up/Down Counters with Mode Control
DM74LS190N NSC-DM74LS190N Datasheet
174Kb / 8P
Synchronous 4-Bit Up/Down Counters with Mode Control
logo
Fairchild Semiconductor
DM74LS191 FAIRCHILD-DM74LS191 Datasheet
72Kb / 6P
Synchronous 4-Bit Up/Down Counter with Mode Control
logo
National Semiconductor ...
DM74LS191 NSC-DM74LS191 Datasheet
174Kb / 8P
Synchronous 4-Bit Up/Down Counters with Mode Control
More results

Similar Description - DM74LS192N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14029B MOTOROLA-MC14029B Datasheet
279Kb / 8P
Binary/Decade Up/Down Counter
logo
National Semiconductor ...
54F192DM NSC-54F192DM Datasheet
193Kb / 10P
Up/Down Decade Counter with Separate Up/Down Clocks
54F193DM NSC-54F193DM Datasheet
191Kb / 10P
Up/Down Binary Counter with Separate Up/Down Clocks
logo
NXP Semiconductors
74F193 PHILIPS-74F193 Datasheet
104Kb / 12P
Up/down binary counter with separate up/down clocks
1995 Jul 17
logo
Fairchild Semiconductor
74F192 FAIRCHILD-74F192 Datasheet
65Kb / 7P
Up/Down Decade Counter with Separate Up/Down Clocks
74F193 FAIRCHILD-74F193 Datasheet
97Kb / 8P
Up/Down Binary Counter with Separate Up/Down Clocks
4510B FAIRCHILD-4510B Datasheet
184Kb / 4P
UP/DOWN DECADE COUNTER
logo
STMicroelectronics
M74HC192 STMICROELECTRONICS-M74HC192 Datasheet
560Kb / 14P
SYNCHRONOUS UP/DOWN DECADE COUNTER
Jul-2001
logo
Fairchild Semiconductor
74F192 FAIRCHILD-74F192_00 Datasheet
87Kb / 7P
Up/Down Decade Counter with Separate Up/Down Clocks
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_15 Datasheet
93Kb / 8P
Binary/Decade Up/Down Counter
March, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com