Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REM6-2412SW Datasheet(PDF) 3 Page - Recom International Power

Part # REM6-2412SW
Description  6 Watt 2:1 & 4:1 DIP24 Single and Dual Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REM6-2412SW Datasheet(HTML) 3 Page - Recom International Power

  REM6-2412SW Datasheet HTML 1Page - Recom International Power REM6-2412SW Datasheet HTML 2Page - Recom International Power REM6-2412SW Datasheet HTML 3Page - Recom International Power REM6-2412SW Datasheet HTML 4Page - Recom International Power REM6-2412SW Datasheet HTML 5Page - Recom International Power REM6-2412SW Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DC/DC Converter
Specifications (measured at TA= 25°C, nominal input voltage, full load and after warm-up)
MED-3
REV.: 05/2016
www.recom-power.com
Calculation Example:
PROTECTIONS
Parameter
Condition
Type
Value
Short Circuit Protection (SCP)
continuous, auto-recovery
Over Load Protection (OLP)
% of Iout rated
Hiccup mode, 150% typ.
Output Over Voltage Protection (OVP)
Single
3.3Vout
5Vout
12Vout
15Vout
24Vout
3.7VDC min. / 5VDC max.
5.6VDC min. / 7VDC max.
13.5VDC min. / 16VDC max.
18.3VDC min. / 22VDC max.
29.1VDC min. / 34.5VDC max.
Dual
5Vout
12Vout
15Vout
5.6VDC min. / 7VDC max.
13.5VDC min. / 18.2VDC max.
17VDC min. / 22VDC max.
continued on next page
REGULATIONS
Parameter
Condition
Type
Value
Output Voltage Accuracy
±1%
Line Voltage Regulation
LL to HL
Single
LL to HL
Dual
±0.2%
±0.5%
Load Voltage Regulation
no load to full load
Single
no load to full load
Dual
±0.2%
±1%
Cross Regulation
asymmetrical load 25% / Full Load only Dual Output
±5%
Transient Response
25% load step change
250µs
choose your model:
REM6-1212D
• Efficiency from Table1 (= 89% @ max Load / nom Vin)
• Loading conditions in application (e.g. 50%)
• use Eff factor from Graph1 (= 0.96 @50%)
Calculation:
T
AMBmax
=
T
CASEmax - TOVER =
105 - 9.2 =
95.8°C
T
OVER
=
R
th * PDIS50%
=
18 * 0.51 =
9.2°C
P
DIS50%
=
P
in50%
- P
out50%
=
P
out100% * 0.5
- (P
out100% * 0.5)
= 3.51 - 3
= 0.51W
Eff
50%
Eff
50%
=
Eff
100% * Efffactor50%
= 89 * 0.960
= 85.44
%
Vin = 12V
Iout = 50%
Eff
100% = 89%
Eff
factor50% = 0.96
R
th = 18°C/W
T
CASEmax = 105°C
REM6
Series
10 20 30
40
50
60 70
80
90 100
Load (%)
50
60
70
80
90
100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com