Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSP1021 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # VSP1021
Description  3-V, 10-BIT, 25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP1021 Datasheet(HTML) 5 Page - Texas Instruments

  VSP1021 Datasheet HTML 1Page - Texas Instruments VSP1021 Datasheet HTML 2Page - Texas Instruments VSP1021 Datasheet HTML 3Page - Texas Instruments VSP1021 Datasheet HTML 4Page - Texas Instruments VSP1021 Datasheet HTML 5Page - Texas Instruments VSP1021 Datasheet HTML 6Page - Texas Instruments VSP1021 Datasheet HTML 7Page - Texas Instruments VSP1021 Datasheet HTML 8Page - Texas Instruments VSP1021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
VSP1021
3V, 10BIT, 25MSPS, LOW POWER
AREA CCD ANALOG FRONT END
SLES016C− FEBRUARY 2002 − REVISED MARCH 2004
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, TA = 25°C,
AVDD = DVDD = 3 V, ADCCLK = 25 MHz (unless otherwise noted)
total device
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Device power consumption
AVDD = DVDD = 3 V
105
mW
Device power consumption
AVDD = DVDD = 2.7 V
95
mW
Power consumption in power-down mode
1
mW
Full-scale input span
1
Vp-p
Full-channel nonlinearity
0.5
1
LSB
No missing code
Assured
analog-to-digital converter (ADC)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC resolution
10 (CCD)
Bits
ADC resolution
8 (Video)
Bits
INL
Integral nonlinearity
AVDD=DVDD= 2.7 V to 3.3 V
±1.2
LSB
DNL
Differential nonlinearity
AVDD=DVDD= 2.7 V to 3.3 V
±0.5
±0.99
LSB
Conversion rate
25 (CCD)
MHz
Conversion rate
28 (Video)
MHz
ADC output latency
5
CLK
cycles
SNR
Input-referred signal-to-noise ratio
0-dB gain
65
dB
SNR
Input-referred signal-to-noise ratio
36-dB gain
78
dB
correlated double sampler(CDS) and programmable-gain amplifier (PGA)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CDS and PGA sample rate
25 (CCD)
MHz
CDS and PGA sample rate
28 (Video)
MHz
CDS full-scale input span
Single-ended input
1
V
Input capacitance of CDS
4
pF
Minimum PGA gain
0
dB
Maximum PGA gain
CCD
36
dB
Maximum PGA gain
Video
12
dB
PGA gain resolution
0.047
dB
PGA programming-code resolution
10-bit monotonic gain control
10
Bits
user digital-to-analog converter (DAC)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC resolution
8
Bits
INL
Integral nonlinearity
±1
LSB
DNL
Differential nonlinearity
±0.5
LSB
Output voltage range
0
AVDD
V
Output settling time
10-pF external load, settle to 1 mV
4
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com