Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74L74 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74L74
Description  Dual Positive-Edge-Triggered D Flip-Flops
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74L74 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74L74 Datasheet HTML 1Page - National Semiconductor (TI) 74L74 Datasheet HTML 2Page - National Semiconductor (TI) 74L74 Datasheet HTML 3Page - National Semiconductor (TI) 74L74 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLF6631
June 1989
DM54L74 Dual Positive-Edge-Triggered D Flip-Flops
with Preset Clear and Complementary Outputs
General Description
This device contains two independent positive-edge-trig-
gered D flip-flops with complementary outputs The informa-
tion on the D input is accepted by the flip-flops on the posi-
tive going edge of the clock pulse The triggering occurs at a
voltage level and is not directly related to the transition time
of the rising edge of the clock The data on the D input
may be changed while the clock is low or high without af-
fecting the outputs as long as the data setup and hold times
are not violated A low logic level on the preset or clear
inputs will set or reset the outputs regardless of the logic
levels of the other inputs
Connection Diagram
Dual-In-Line Package
TLF6631 – 1
Order Number DM54L74J or DM54L74W
See NS Package Number J14A or W14B
Function Table
Inputs
Outputs
PR
CLR
CLK
D
Q
Q
LH
X
X
H
L
HL
X
X
L
H
LL
X
X
H
H
HH
u
HH
L
HH
u
LL
H
HH
L
X
QO
QO
H e High Logic Level
X e Either Low or High Logic Level
L e Low Logic Level
u e Positive-going transition
QO e The output logic level of Q before the indicated input conditions were
established
e
This configuration is nonstable that is it will not persist when either the
preset andor clear inputs returned to their inactive (high) level
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - 74L74

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74L71 TI-74L71 Datasheet
103Kb / 3P
AND-GATED R-S MASTER-SLAVE FLIP-FLOPS WITH PRESET AND CLEAR
More results

Similar Description - 74L74

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV74 TI-SN54LV74 Datasheet
137Kb / 7P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54LV74A TI-SN54LV74A Datasheet
444Kb / 16P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN74LV74A-EP TI1-SN74LV74A-EP Datasheet
506Kb / 14P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Potato Semiconductor Co...
PO74G74A POTATO-PO74G74A_14 Datasheet
1Mb / 6P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Texas Instruments
SN54HC74 TI1-SN54HC74_15 Datasheet
164Kb / 15P
Dual D-Type Positive-Edge-Triggered Flip-Flops
SN54LV74A TI1-SN54LV74A_15 Datasheet
1Mb / 31P
Dual Positive-Edge-Triggered D-Type Flip-Flops
CD54AC74 TI1-CD54AC74_14 Datasheet
686Kb / 15P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
CD54ACT74 TI1-CD54ACT74_14 Datasheet
887Kb / 14P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54AC74 TI1-SN54AC74_15 Datasheet
1Mb / 22P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54LV74 TI1-SN54LV74_10 Datasheet
148Kb / 8P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com