Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFC Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # AFC
Description  PowerBlock Micro-Miniature Modular Switching Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

AFC Datasheet(HTML) 1 Page - Astrodyne Corporation

  AFC Datasheet HTML 1Page - Astrodyne Corporation AFC Datasheet HTML 2Page - Astrodyne Corporation AFC Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PowerBlock Micro-Miniature Modular Switching Power Supplies
AFC series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Single 10 Watt Outputs
3.3VDC to 24VDC
Universal 90 to 264VAC Input
3,000VAC Input to Output Isolation
-25 to +70°C Operation
High Efficiency
Model Number
Output Voltage
Output Amps
Output Watts
Size (inches)
AFC-3.3S
3.3 VDC
2.5
8W
1 x 2 x 0.9
AFC-5S
5 VDC
2
10W
1 x 2 x 0.9
AFC-12S
12 VDC
0.83
10W
1 x 2 x 0.9
AFC-15S
15 VDC
0.66
10W
1 x 2 x 0.9
AFC-24S
24 VDC
0.42
10W
1 x 2 x 0.9
2”L x 1”w x 0.9”H
Fully Approved
IEC60950
EN60950
UL60950-1
CSA22.2-60950-1


Similar Part No. - AFC

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
AFC TAK_CHEONG-AFC Datasheet
193Kb / 6P
350 mW DO-35 Hermetically Sealed Glass AFC / Trigger Diodes
logo
Arch Electronics Corp.
AFC ARCH-AFC Datasheet
495Kb / 5P
AC-DC Power Module
logo
Cornell Dubilier Electr...
AFC CDE-AFC Datasheet
488Kb / 4P
SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 째C
AFC CDE-AFC Datasheet
726Kb / 4P
Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
logo
Astrodyne Corporation
AFC-12S ASTRODYNE-AFC-12S Datasheet
514Kb / 3P
PowerBlock Micro-Miniature Modular Switching Power Supplies
More results

Similar Description - AFC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCA-15 ETC2-MCA-15 Datasheet
1Mb / 5P
15W Ultraminiature Modular Switching Power Supplies
logo
Astrodyne Corporation
MCA-5 ASTRODYNE-MCA-5 Datasheet
1Mb / 5P
5W Ultraminiature Modular Switching Power Supplies
MCA-10 ASTRODYNE-MCA-10 Datasheet
1Mb / 5P
10W Ultraminiature Modular Switching Power Supplies
MCA-30 ASTRODYNE-MCA-30 Datasheet
1Mb / 5P
30W Ultraminiature Modular Switching Power Supplies
PWB ASTRODYNE-PWB Datasheet
514Kb / 3P
PowerBlock Micro-Miniature Modular Switching Power Supplies
PWC ASTRODYNE-PWC Datasheet
638Kb / 5P
PowerBlock Micro-Miniature 5 Watt Switching Power Supplies
MCA5 ASTRODYNE-MCA5 Datasheet
496Kb / 6P
5W Ultraminiature Modular Switching Power Supplies
MCA10 ASTRODYNE-MCA10 Datasheet
1,000Kb / 6P
10W Ultraminiature Modular Switching Power Supplies
PWB ASTRODYNE-PWB_16 Datasheet
266Kb / 5P
PowerBlock Micro-Miniature Modular Switching Power Supplies
PWC ASTRODYNE-PWC_16 Datasheet
275Kb / 4P
PowerBlock Micro-Miniature 5 Watt Switching Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com