Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS72116ATP Datasheet(PDF) 14 Page - GSI Technology

Part # GS72116ATP
Description  128K x 16 2Mb Asynchronous SRAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS72116ATP Datasheet(HTML) 14 Page - GSI Technology

Back Button GS72116ATP Datasheet HTML 10Page - GSI Technology GS72116ATP Datasheet HTML 11Page - GSI Technology GS72116ATP Datasheet HTML 12Page - GSI Technology GS72116ATP Datasheet HTML 13Page - GSI Technology GS72116ATP Datasheet HTML 14Page - GSI Technology GS72116ATP Datasheet HTML 15Page - GSI Technology GS72116ATP Datasheet HTML 16Page - GSI Technology GS72116ATP Datasheet HTML 17Page - GSI Technology GS72116ATP Datasheet HTML 18Page - GSI Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Rev: 1.04a 10/2002
14/18
© 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS72116ATP/J/T/U
44 Pin TQFP (LQFP) Package
Units: mm
Body Size
Lead Count
Standoff Body Thickness Lead Length Lead Width Lead Thickness Lead Pitch
E1
D1
A1
A2
L1
b
c
e
10
10
44
0.1
1.4
1.0
0.3
0.127
0.8
e
L1
C
b
D1
A2
A1
E1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com