Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP15-OF Datasheet(PDF) 5 Page - Recom International Power

Part # RP15-OF
Description  15 Watt Single Output Open Frame SMD
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP15-OF Datasheet(HTML) 5 Page - Recom International Power

  RP15-OF Datasheet HTML 1Page - Recom International Power RP15-OF Datasheet HTML 2Page - Recom International Power RP15-OF Datasheet HTML 3Page - Recom International Power RP15-OF Datasheet HTML 4Page - Recom International Power RP15-OF Datasheet HTML 5Page - Recom International Power RP15-OF Datasheet HTML 6Page - Recom International Power RP15-OF Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report / File Number
Standard
UL General Safety
E196683
UL60950-1 1st Ed.: 2003
C22.2 No. 60950 1st. Ed.: 2003
EMC Compliance
Condition
Standard / Criterion
EMI Standard(8)
with external filter
EN55022, Class A or B
Radiated Immunity
Fast Transient(9)
Surge (9)
Conducted Immunity
10 V/m
±2kV
±1kV
10 Vr.m.s
EN61000-4-3, Criteria A
EN61000-4-4, Criteria B
EN61000-4-5, Criteria A
EN61000-4-6, Criteria A
continued on next page
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP15-OF
Series
PD-5
REV.: 1/2016
www.recom-power.com
ENVIRONMENTAL
Parameter
Condition
Value
Lead-free reflow solder process
IPC J-STD-020D
Moisture sensitivity level (MSL)
IPC J-STD-03B level 2a
Operating Temperature Range
without derating
with derating
-40°C to 76°C
-40°C to +105°C
Temperature Coefficient
±0.02%/°C max.
Operating Humidity
5% - 95%, RH
Thermal Shock
MIL-STD-810F
Vibration
MIL-STD-810F
MTBF
MIL-HDBK-217F
Bellcore TR-NWT-000332(7)
3438 x 103 hours
2200 x 103 hours
-40
60
76
80 100
40
20
0
-20
0
20
40
60
80
100
Ambient Temperature [°C]
Derating Graph(8)
Notes:
Note7: BELLCORE TR-NWT-000332. Case l: 50% Stress, Temperature at 40°C.
MIL-HDBK 217F Notice 2. Ta = 25°C, full load, (Ground, Benign, controlled environment).
Note8: Derating graphs are valid only for the shown part numbers. If you need detailed derating-information about a part-
number not shown here please contact our technical support service at techsupportAT@recom-power.com.
RP15-4805SOF
Notes:
Note8: The standard modules meet EMI Class A or Class B with external components, see filter suggestions below.
Note9: An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5. The filter capacitor Recom
suggests: Nippon chemi-con KY series, 220µF/100V.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com