Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMNH10H028SCT Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMNH10H028SCT
Description  Low Input Capacitance
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMNH10H028SCT Datasheet(HTML) 1 Page - Diodes Incorporated

  DMNH10H028SCT Datasheet HTML 1Page - Diodes Incorporated DMNH10H028SCT Datasheet HTML 2Page - Diodes Incorporated DMNH10H028SCT Datasheet HTML 3Page - Diodes Incorporated DMNH10H028SCT Datasheet HTML 4Page - Diodes Incorporated DMNH10H028SCT Datasheet HTML 5Page - Diodes Incorporated DMNH10H028SCT Datasheet HTML 6Page - Diodes Incorporated DMNH10H028SCT Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMNH10H028SCT
Document number: DS38674 Rev. 2 - 2
1 of 7
www.diodes.com
April 2016
© Diodes Incorporated
DMNH10H028SCT
100V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
BVDSS
RDS(ON) max
ID max
TC = +25°C
100V
28m
Ω @ VGS = 10V
60A
Description
This new generation MOSFET features low on-resistance and fast
switching, making it ideal for high efficiency power management
applications.
Applications
Motor Control
Backlighting
DC-DC Converters
Power Management Functions
Features
Rated to +175°C
– Ideal for High Ambient Temperature
Environments
100% Unclamped Inductive Switching
– ensures more reliable
and robust end application
Low Input Capacitance
Low Input/Output Leakage
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: TO220AB
Case Material: Molded Plastic
, ―Green‖ Molding Compound, UL
Flammability Classification Rating 94V-0
Terminals: Matte Tin Finish Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Terminal Connections: See Diagram Below
Weight: TO220AB
– 1.85 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMNH10H028SCT
TO220AB
50 pieces/tube
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green‖ products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Equivalent Circuit
Top View
Pin Out Configuration
D
S
G
Top View
Bottom View
=
Manufacturer’s Marking
10H028S = Product Type Marking Code
YYWW = Date Code Marking
YY = Last Two Digits of Year (ex: 16 = 2016)
WW = Week (01 to 53)
TO220AB
Green
YYWW
10H028S


Similar Part No. - DMNH10H028SCT

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
DMNH10H028SCT ISC-DMNH10H028SCT Datasheet
305Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - DMNH10H028SCT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG3401LSN DIODES-DMG3401LSN Datasheet
192Kb / 6P
Low Input Capacitance
Rev 4
DMG4N60SCT DIODES-DMG4N60SCT Datasheet
326Kb / 6P
Low Input Capacitance
Rev 3
DMG6402LVT DIODES-DMG6402LVT Datasheet
220Kb / 6P
Low Input Capacitance
Rev 3
DMG9N65CTI DIODES-DMG9N65CTI Datasheet
438Kb / 5P
Low Input Capacitance
Rev 4
DMG9N65CT DIODES-DMG9N65CT Datasheet
233Kb / 6P
Low Input Capacitance
Rev 7
DMN3026LVT DIODES-DMN3026LVT Datasheet
295Kb / 6P
Low Input Capacitance
Rev 3
DMN6140L DIODES-DMN6140L Datasheet
582Kb / 6P
Low Input Capacitance
Rev 4
DMN6040SK3 DIODES-DMN6040SK3 Datasheet
248Kb / 6P
Low Input Capacitance
Rev 5
DMN6070SSD DIODES-DMN6070SSD Datasheet
240Kb / 6P
Low Input Capacitance
Rev 3
logo
Vishay Siliconix
SIHP22N60AE VISHAY-SIHP22N60AE Datasheet
134Kb / 7P
Low input capacitance
29-Aug-16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com