Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR17D158 Datasheet(PDF) 21 Page - Exar Corporation

Part # XR17D158
Description  UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR17D158 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XR17D158 Datasheet HTML 17Page - Exar Corporation XR17D158 Datasheet HTML 18Page - Exar Corporation XR17D158 Datasheet HTML 19Page - Exar Corporation XR17D158 Datasheet HTML 20Page - Exar Corporation XR17D158 Datasheet HTML 21Page - Exar Corporation XR17D158 Datasheet HTML 22Page - Exar Corporation XR17D158 Datasheet HTML 23Page - Exar Corporation XR17D158 Datasheet HTML 24Page - Exar Corporation XR17D158 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
xr
XR17D158
REV. 1.2.1
UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
21
2.2.6
SLEEP [31:24] (default 0x00)
Each UART can be separately enabled to enter Sleep mode through the Sleep register. Sleep mode reduces
power consumption when the system needs to put the UART(s) to idle. All of these conditions must be satisfied
for the D158 to enter sleep mode:
• no interrupts pending (INT0 = 0x00)
• divisor is a non-zero value for all channels (ie. DLL = 0x1)
• sleep mode is enabled (SLEEP = 0xFF)
• modem inputs for all channels are not toggling (MSR bits 0-3 = 0)
• RX input pins for all channels are idling HIGH
The D158 stops its crystal oscillator to conserve power in the sleep mode. User can check the XTAL2 pin for
no clock output as an indication that the device has entered the sleep mode.
The D158 resumes normal operation by any of the following:
• a receive data start bit transition (HIGH to LOW)
• a data byte is loaded to the transmitter, THR or FIFO
• a change of logic state on any of the modem or general purpose serial inputs: CTS#, DSR#, CD#, RI#
If the D158 is awakened by any one of the above conditions, it will return to the sleep mode automatically after
all interrupting conditions have been serviced and cleared. If the D158 is awakened by the modem inputs, a
read to the MSR is required to reset the modem inputs. In any case, the sleep mode will not be entered while
an interrupt is pending from any channel. The D158 will stay in the sleep mode of operation until it is disabled
by setting Sleep = 0x00. In this case, the octal UART is awaken by any of the UART channel from a receive
data byte or a change on the serial port. The UART is ready after 32 crystal clocks to ensure full functionality.
Also, a special interrupt is generated with an indication of no pending interrupt. Reading INT0 will clear this
special interrupt. Logic 0 (default) is disable and logic 1 is enable to sleep mode.
Important: The XR17D158 is a versatile device designed to operate with different VCC (core power supply)
and VIO (PCI bus I/O power supply). However, the VCC and VIO must be equal (VCC = VIO) for the sleep
mode to reduce power consumption. Any difference in these voltages will result in high currents, when placed
in sleep mode. If sleep mode is used, it is recommended that both VCC and VIO be powered by the PCI bus
VIO power pins. If sleep mode is not used, there is no concern about high currents whether VCC = VIO or VCC
> VIO. In any case, VCC should never be less than VIO.
2.2.7
Device Identification and Revision
There are two internal registers that provide device identification and revision, DVID and DREV registers. The
8-bit content in the DVID register provides device identification. A return value of 0x28 from this register
indicates the device is a XR17D158. The DREV register returns an 8-bit value of 0x01 for revision A with 0x02
equals to revision B and so forth. This information is very useful to the software driver for identifying which
device it is communicating with and to keep up with revision changes.
SLEEP Register
Individual UART Channel Sleep Enable
Ch-6
Ch-7
Ch-5 Ch-4 Ch-3 Ch-2 Ch-1 Ch-0
Bit-7 Bit-6 Bit-5 Bit-4 Bit-3 Bit-2 Bit-1 Bit-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com