Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMNH6012SPSQ Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMNH6012SPSQ
Description  Qualified to AEC-Q101 Standards for High Reliability
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMNH6012SPSQ Datasheet(HTML) 4 Page - Diodes Incorporated

  DMNH6012SPSQ Datasheet HTML 1Page - Diodes Incorporated DMNH6012SPSQ Datasheet HTML 2Page - Diodes Incorporated DMNH6012SPSQ Datasheet HTML 3Page - Diodes Incorporated DMNH6012SPSQ Datasheet HTML 4Page - Diodes Incorporated DMNH6012SPSQ Datasheet HTML 5Page - Diodes Incorporated DMNH6012SPSQ Datasheet HTML 6Page - Diodes Incorporated DMNH6012SPSQ Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMNH6012SPSQ
Document number: DS38778 Rev. 1 - 2
4 of 7
www.diodes.com
April 2016
© Diodes Incorporated
DMNH6012SPSQ
0
0.005
0.01
0.015
0.02
0.025
0.03
-50
-25
0
25
50
75
100 125 150 175
T
J, JUNCTION TEMPERATURE (℃)
Figure 7. On-Resistance Variation with Temperature
V
GS=4.5V, ID=25A
V
GS=10V, ID=25A
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
-50
-25
0
25
50
75
100 125 150 175
T
J, JUNCTION TEMPERATURE (℃)
Figure 8. Gate Threshold Variation vs. Junction
Temperature
I
D=250μA
I
D=1mA
0.1
1
10
100
1000
10000
100000
0
10
20
30
40
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 10. Typical Drain-Source Leakage Current vs.
Voltage
25
℃
85
℃
125
℃
150
℃
175
℃
0
5
10
15
20
25
30
0
0.3
0.6
0.9
1.2
V
SD, SOURCE-DRAIN VOLTAGE (V)
Figure 9. Diode Forward Voltage vs. Current
V
GS=0V,
T
A=-55℃
V
GS=0V,
T
A=25℃
V
GS=0V,
T
A=85℃
V
GS=0V, TA=125℃
V
GS=0V, TA=150℃
V
GS=0V, TA=175℃
0
2
4
6
8
10
0
5
10
15
20
25
30
35
40
Q
g (nC)
Figure 12. Gate Charge
V
DS=30V, ID=25A
10
100
1000
10000
0
5
10
15
20
25
30
35
40
V
DS, DRAIN-SOURCE VOLTAGE(V)
Figure 11. Typical Junction Capacitance
f=1MHz
Ciss
Coss
Crss



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com