Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2653H Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SC2653H
Description  Large Pc
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC2653H Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SC2653H Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC2653H Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
Product Specification
isc Website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc Silicon NPN Power Transistor
2SC2653H
DESCRIPTION
·High V
CEO
·Large Pc
APPLICATIONS
·Color TV Horizontal
·Deflection Driver
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
480
V
VCEO
Collector-Emitter Voltage
300
V
VEBO
Emitter-Base Voltage
7.5
V
IC
Collector Current-Continuous
0.2
A
Pc
Total Power Dissipation
@ TC=25℃
15
W
TJ
Junction Temperature
150
Tstg
Storage Temperature Range
-55~150


Similar Part No. - 2SC2653H

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC2650 ISC-2SC2650 Datasheet
238Kb / 2P
isc Silicon NPN Power Transistor
logo
Toshiba Semiconductor
2SC2652 TOSHIBA-2SC2652 Datasheet
161Kb / 2P
TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE
logo
NEC
2SC2654 NEC-2SC2654 Datasheet
274Kb / 4P
Audio Frequency Power Amplifier, Medium Speed Switching
logo
Savantic, Inc.
2SC2654 SAVANTIC-2SC2654 Datasheet
103Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC2654 ISC-2SC2654 Datasheet
257Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - 2SC2653H

ManufacturerPart #DatasheetDescription
logo
MAKO SEMICONDUCTOR CO.,...
2SB766 MAKOSEMI-2SB766 Datasheet
104Kb / 2P
Large collector power dissipation PC
2SB766A MAKOSEMI-2SB766A Datasheet
105Kb / 2P
Large collector power dissipation PC
logo
United Chemi-Con, Inc.
E32D100HPN CHEMI-CON-E32D100HPN Datasheet
148Kb / 12P
Large Can
E32D350HPN CHEMI-CON-E32D350HPN Datasheet
148Kb / 12P
Large Can
E32F351CPN CHEMI-CON-E32F351CPN Datasheet
129Kb / 9P
Large Can
E32F421HPN CHEMI-CON-E32F421HPN Datasheet
129Kb / 9P
Large Can
E32F501HPN CHEMI-CON-E32F501HPN Datasheet
129Kb / 9P
Large Can
E36D100HPN CHEMI-CON-E36D100HPN Datasheet
143Kb / 13P
Large Can
E36D251HPN CHEMI-CON-E36D251HPN Datasheet
143Kb / 13P
Large Can
E36D350HPN CHEMI-CON-E36D350HPN Datasheet
143Kb / 13P
Large Can
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com