Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2665 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SC2665
Description  Wide Area of Safe Operation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC2665 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SC2665 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC2665 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc Silicon NPN Power Transistor
2SC2665
DESCRIPTION
·Collector-Emitter Breakdown Voltage-
: V(BR)CEO= 80V(Min)
·Wide Area of Safe Operation
APPLICATIONS
·Designed for audio frequency power amplifier
applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
100
V
VCEO
Collector-Emitter Voltage
80
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current-Continuous
4
A
PC
Collector Power Dissipation
@ TC=25℃
55
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-40~150
℃


Similar Part No. - 2SC2665

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SC2660 SAVANTIC-2SC2660 Datasheet
94Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC2660 ISC-2SC2660 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2660 SAVANTIC-2SC2660 Datasheet
95Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2SC2660 NJSEMI-2SC2660 Datasheet
128Kb / 2P
Silicon NPN Power Transistor
logo
Savantic, Inc.
2SC2660A SAVANTIC-2SC2660A Datasheet
94Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2SC2665

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1357 ROHM-2SB1357 Datasheet
403Kb / 5P
Transistor PNP (low collector saturation voltage wide safe operation area)
logo
Inchange Semiconductor ...
2SB924 ISC-2SB924 Datasheet
84Kb / 2P
Wide Safety Operation Area
2N1470 ISC-2N1470 Datasheet
102Kb / 2P
Excellent Safe Operating Area
2SA1214 ISC-2SA1214 Datasheet
94Kb / 2P
Wide Area of Safe Operation
2SB719 ISC-2SB719 Datasheet
110Kb / 2P
Wide Area of Safe Operation
2SB850 ISC-2SB850 Datasheet
98Kb / 2P
Wide Area of Safe Operation
2SB982 ISC-2SB982 Datasheet
98Kb / 2P
Wide Area of Safe Operation
2SD1238 ISC-2SD1238 Datasheet
128Kb / 2P
Wide Area of Safe Operation
2SD1533 ISC-2SD1533 Datasheet
135Kb / 2P
Wide Area of Safe Operation
BDY20 ISC-BDY20 Datasheet
193Kb / 2P
Excellent Safe Operating Area
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com