Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FRM450 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # FRM450
Description  Second Generation Rad Hard MOSFET Results
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

FRM450 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  FRM450 Datasheet HTML 1Page - Inchange Semiconductor Company Limited FRM450 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
FRM450
DESCRIPTION
·10A, 500V, RDS(on) = 0.6
Ω
·Second Generation Rad Hard MOSFET Results
From New Design Concepts
APPLICATIONS
It is specially designed and processed to
exhibit minimal characteristic changes to total dose and neutron
exposures. Design and processing efforts are also directed to
enhance survival to heavy ion (SEE) and/or dose rate
(GAMMA DOT) exposure.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
ARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage (VGS=0)
500
V
VGS
Gate-Source Voltage
±20
V
ID
Drain Current-continuous@ TC=37℃
10
A
Ptot
Total Dissipation@TC=25℃
150
W
Tj
Max. Operating Junction Temperature
-55~150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.83
℃/W
Rth j-a
Thermal Resistance,Junction to Ambient
30
℃/W
PDF pdfFactory Pro
www.fineprint.cn


Similar Part No. - FRM450

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRM450D INTERSIL-FRM450D Datasheet
47Kb / 6P
10A, 500V, 0.600 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM450H INTERSIL-FRM450H Datasheet
47Kb / 6P
10A, 500V, 0.600 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM450R INTERSIL-FRM450R Datasheet
47Kb / 6P
10A, 500V, 0.600 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
More results

Similar Description - FRM450

ManufacturerPart #DatasheetDescription
logo
Sensitron
SRADM1004 SENSITRON-SRADM1004 Datasheet
168Kb / 2P
HERMETIC RAD HARD POWER MOSFET
SRADM1005 SENSITRON-SRADM1005 Datasheet
160Kb / 2P
HERMETIC RAD HARD POWER MOSFET
SRADM1006 SENSITRON-SRADM1006 Datasheet
152Kb / 2P
HERMETIC RAD HARD POWER MOSFET
SRADM1007 SENSITRON-SRADM1007 Datasheet
159Kb / 2P
HERMETIC RAD HARD POWER MOSFET
SRADM1008 SENSITRON-SRADM1008 Datasheet
153Kb / 2P
HERMETIC RAD HARD POWER MOSFET
logo
Inchange Semiconductor ...
FRM244 ISC-FRM244 Datasheet
49Kb / 2P
Second Generation Rad Hard MOSFET Results
FRM430 ISC-FRM430 Datasheet
49Kb / 2P
Second Generation Rad Hard MOSFET Results
FRM440 ISC-FRM440 Datasheet
49Kb / 2P
Second Generation Rad Hard MOSFET Results
FRM9130 ISC-FRM9130 Datasheet
49Kb / 2P
Second Generation Rad Hard MOSFET Results
FRM9140 ISC-FRM9140 Datasheet
49Kb / 2P
Second Generation Rad Hard MOSFET Results
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com