Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZC830B Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZC830B
Description  SOT23 SILICON VARIABLE CAPACITANCE DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZC830B Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZC830B Datasheet HTML 1Page - Zetex Semiconductors ZC830B Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ZC830/A/B
to
ZC836/A/B
PARTMARKING DETAILS
PART NO
PARTMARK
PART NO
PARTMARK
PART NO
PARTMARK
ZC830
J1S
ZC830A
J1A
ZC830B
J1B
ZC831
J3S
ZC831A
J3A
ZC831B
J3B
ZC832
J4S
ZC832A
J4A
ZC832B
J4B
ZC833
J2S
ZC833A
J2A
ZC833B
J2B
ZC834
J5S
ZC834A
J5A
ZC834B
J5B
ZC835
J6S
ZC835A
J6A
ZC835B
J6B
ZC836
J7S
ZC836A
J7A
ZC836B
J7B
1
10
100
1
10
100
200
836A
835A
834A
833A
832A
831A
830A
Diode Capacitance
Reverse Voltage (Volts)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com