Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4423P Datasheet(PDF) 6 Page - Texas Instruments

Part # 4423P
Description  Precision Quadrature Oscillator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

4423P Datasheet(HTML) 6 Page - Texas Instruments

Back Button 4423P Datasheet HTML 2Page - Texas Instruments 4423P Datasheet HTML 3Page - Texas Instruments 4423P Datasheet HTML 4Page - Texas Instruments 4423P Datasheet HTML 5Page - Texas Instruments 4423P Datasheet HTML 6Page - Texas Instruments 4423P Datasheet HTML 7Page - Texas Instruments 4423P Datasheet HTML 8Page - Texas Instruments 4423P Datasheet HTML 9Page - Texas Instruments 4423P Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
4423
SBFS020A − JANUARY 1978 − REVISED JUNE 2004
www.ti.com
6
After selecting the capacitor for a particular frequency,
the value of the required resistor can be obtained by
using the resistor selection curve shown in Figure 7 or
by Equation (3).
R
+
3.785f(C
) 0.001)
42.05
* 2f(C ) 0.001)
Where:
R is in k
Ω.
f is in Hz.
C is in
µF.
1k
10k
100k
0.001
10k
1k
100
10
1
0.01
0.1
1
10
100
Frequency (Hz)
Figure 7.
RECOMMENDED CAPACITOR TYPES
There are various types of capacitors available for use.
There are polarized (DC) capacitors and nonpolarized
(AC) capacitors available. Of these two types, polarized
capacitors cannot be used with the 4423 to set the
frequencies.
Commonly-available nonpolarized capacitors include
NPO
ceramic,
silver
mica,
Teflon,
polystyrene,
polycarbonate, mylar, and ceramic disc. A comparison
of capacitor types is shown in Table 2.
Table 2. Comparison of Nonpolarized Capacitors
CAPACITOR
TYPE
CAPACITANCE
RANGE
(
µF)
TEMPERATURE
COEFFICIENTS
(ppm/
5C)
DISSIPATION
FACTOR
(%)
NPO Ceramic
5pF to 0.1
µF
30
0.05
Silver Mica
5pF to 0.047
µF
60
0.05
Teflon
0.001 to 100
200
0.01
Polystyrene
0.001 to 500
100
0.03
Polycarbonate
0.001 to 1000
90
0.08
Metallized
Teflon
0.001 to 100
60
0.1
Metallized
Polycarbonate
0.001 to 1000
10
0.4
Mylar
0.001 to 1000
700
0.7
Metallized
Mylar
0.001 to 2000
700
1
Ceramic Disc
5pF to 0.5
µF
10,000
3
Choosing a capacitor to use with the 4423 depends
mainly on the application, error budget, and cost
budget. Note that the specifications of the 4423 do not
include
the
error
contribution
of
the
external
components. Errors sourced by external components
normally have to be added to the 4423 specifications.
As a general selection criteria, TI recommends the use
of Table 2. If the capacitor is found unsuitable due to its
size, cost, or availability, then move down the list for the
next best selection. In any case, do not choose or use
any capacitors with dissipation factors greater than 1%.
Such capacitors would stop 4423 oscillation.
DISSIPATION FACTOR (DF)
A capacitor can be modeled by an ideal capacitor in
parallel with an internal resistor whose value depends
on its dissipation factor (DF). Mathematically, internal
resistor R is given by Equation (4).
R
+
1
2
pfC(DF)
Where:
R is in
Ω.
f is in Hz.
C is in farads.
(3)
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com