Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10DL065CIVS/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADC10DL065CIVS/NOPB
Description  Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10DL065CIVS/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADC10DL065CIVS/NOPB Datasheet HTML 17Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 18Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 19Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 20Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 21Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 22Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 23Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 24Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
ADC10DL065
www.ti.com
SNAS314B – JUNE 2006 – REVISED APRIL 2013
User choice of an on-chip or external reference voltage is provided. The internal 1.0 Volt reference is in use
when the the VREF pin is connected to VA. When the VREF pin is connected to AGND, the internal 0.5 Volt
reference is in use. If a voltage in the range of 0.8V to 1.2V is applied to the VREF pin, that is used for the voltage
reference. When an external reference is used, the VREF pin should be bypassed to ground with a 0.1 µF
capacitor close to the reference input pin. There is no need to bypass the VREF pin when the internal reference is
used.
Signal Inputs
The signal inputs are VIN A+ and VINA− for one ADC and VINB+ and VINB− for the other ADC . The input signal,
VIN, is defined as
VIN A = (VINA+) – (VINA−)
(5)
for the "A" converter and
VIN B = (VINB+) – (VINB−)
(6)
for the "B" converter. Figure 34 shows the expected input signal range. Note that the common mode input
voltage, VCM, should be in the range of 0.5V to 2.0V.
The peaks of the individual input signals should each never exceed 2.6V.
The ADC10DL065 performs best with a differential input signal with each input centered around a common mode
voltage, VCM. The peak-to-peak voltage swing at each analog input pin should not exceed the value of the
reference voltage or the output data will be clipped.
The two input signals should be exactly 180° out of phase from each other and of the same amplitude. For single
frequency inputs, angular errors result in a reduction of the effective full scale input. For complex waveforms,
however, angular errors will result in distortion.
Figure 34. Expected Input Signal Range
For single frequency sine waves the full scale error in LSB can be described as approximately
EFS = 1024 ( 1 - sin (90° + dev))
(7)
Where dev is the angular difference in degrees between the two signals having a 180° relative phase relationship
to each other (see Figure 35). Drive the analog inputs with a source impedance less than 100
Ω.
Figure 35. Angular Errors Between the Two Input Signals Will Reduce the Output Level or Cause
Distortion
For differential operation, each analog input pin of the differential pair should have a peak-to-peak voltage equal
to the reference voltage, VREF, be 180 degrees out of phase with each other and be centered around VCM.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: ADC10DL065



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com