Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC14DC080 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14DC080
Description  80 MSPS A/D Converter with CMOS Outputs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14DC080 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADC14DC080 Datasheet HTML 9Page - Texas Instruments ADC14DC080 Datasheet HTML 10Page - Texas Instruments ADC14DC080 Datasheet HTML 11Page - Texas Instruments ADC14DC080 Datasheet HTML 12Page - Texas Instruments ADC14DC080 Datasheet HTML 13Page - Texas Instruments ADC14DC080 Datasheet HTML 14Page - Texas Instruments ADC14DC080 Datasheet HTML 15Page - Texas Instruments ADC14DC080 Datasheet HTML 16Page - Texas Instruments ADC14DC080 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
ADC14DC080
www.ti.com
SNAS463B – SEPTEMBER 2008 – REVISED APRIL 2013
Typical Performance Characteristics
Unless otherwise specified, the following specifications apply: AGND = DRGND = 0V, VA = +3.3V, VDR = +2.5V, Internal VREF
= +1.2V, fCLK = 105 MHz, 50% Duty Cycle, DCS disabled, VCM = VCMO, fIN = 170 MHz, TA = 25°C.
SNR, SINAD, SFDR vs. VA
Distortion vs. VA
Figure 5.
Figure 6.
SNR, SINAD, SFDR vs. Clock Duty Cycle, fIN=40 MHz
Distortion vs. Clock Duty Cycle, fIN=40 MHz
Figure 7.
Figure 8.
SNR, SINAD, SFDR vs. Clock Duty Cycle, DCS Enabled,
fIN=40 MHz
Distortion vs. Clock Duty Cycle, DCS Enabled, fIN=40 MHz
Figure 9.
Figure 10.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ADC14DC080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com