Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5270IPFP Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5270IPFP
Description  8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5270IPFP Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADS5270IPFP Datasheet HTML 11Page - Texas Instruments ADS5270IPFP Datasheet HTML 12Page - Texas Instruments ADS5270IPFP Datasheet HTML 13Page - Texas Instruments ADS5270IPFP Datasheet HTML 14Page - Texas Instruments ADS5270IPFP Datasheet HTML 15Page - Texas Instruments ADS5270IPFP Datasheet HTML 16Page - Texas Instruments ADS5270IPFP Datasheet HTML 17Page - Texas Instruments ADS5270IPFP Datasheet HTML 18Page - Texas Instruments ADS5270IPFP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
Code
2.0
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
−2.0
0
1536
2048
2560
3072
3584
512
1024
4096
f
IN = 5MHz
Input Amplitude (A)
100
90
80
70
60
50
40
30
20
10
0
−70
−60
−30
−20
−10
−50
−40
0
f
IN = 5MHz
SNR (dBFS)
SNR (dBc)
SFDR (dBc)
Input Amplitude (A)
100
90
80
70
60
50
40
30
20
10
0
−70
−60
−30
−20
−10
−50
−40
0
f
IN = 10MHz
SNR (dBFS)
SNR (dBc)
SFDR (dBc)
Duty Cycle (%)
90
85
80
75
70
65
60
55
20
50
60
70
30
40
80
f
IN = 5MHz
SFDR
SNR
Input Frequency (MHz)
95
90
85
80
75
70
65
60
55
5
20
25
30
35
40
45
10
15
50
SFDR
SNR
Sample Rate (MSPS)
90
85
80
75
70
65
60
55
20
35
40
25
30
45
SFDR
SNR
SINAD
f
IN = 5MHz
ADS5270
www.ti.com............................................................................................................................................... SBAS293F – JANUARY 2004 – REVISED JANUARY 2009
TYPICAL CHARACTERISTICS (continued)
Typical values are at TA = +25C, clock frequency = maximum specified, 50% clock duty cycle, AVDD = 3.3V, LVDD = 3.3V,
–1dBFS, ISET = 56.2kΩ, internal voltage reference, and LVDS buffer current at 3.5mA per channel, unless otherwise noted.
INTEGRAL NONLINEARITY
SWEPT INPUT POWER
Figure 7.
Figure 8.
SWEPT INPUT POWER
DYNAMIC PERFORMANCE vs DUTY CYCLE
Figure 9.
Figure 10.
DYNAMIC PERFORMANCE vs INPUT FREQUENCY
DYNAMIC PERFORMANCE vs SAMPLE RATE
Figure 11.
Figure 12.
Copyright © 2004–2009, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): ADS5270



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com